Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVT-DINAV1CD03Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CVT-DINAV1CD03Y
Description  Compact Transducer for AC Measurements
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CVT-DINAV1CD03Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CVT-DINAV1CD03Y Datasheet HTML 1Page - List of Unclassifed Manufacturers CVT-DINAV1CD03Y Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice
1
• For AC current/voltage measurement
• Field adjustment capability
• For DIN-rail mounting
• Degree of protection: IP 50
Product Description
Model
Range code
Measurement
Power supply
Setpoints
Rated output
Calibration
Ordering Key
CVT-DIN AV5AD01X
Compact transducer for AC
current/voltage measurements
with field adjustment capabil-
ity. The housing is for DIN-rail
mounting
and
ensures
a
degree of protection of IP 50.
Energy Management
Compact Transducer for AC Measurements
Type CVT-DIN AV1/AV4/AV5
Type Selection
Power supply
A:
24 VAC, -15% +10%,
50/60 Hz 1)
B:
48 VAC, -15% +10%,
50/60 Hz 1)
C:
115 VAC, -15% +10%,
50/60 Hz 1)
D:
230 VAC, -15% +10%,
50/60 Hz (standard)
1) On request
Range code
AV1:
100 VAC - 1 AAC
(max. 120 VAC - 1.2 A)
AV4:
100 VAC - 5 AAC
(max. 120 VAC - 6 A)
AV5:
500 VAC - 5 AAC
(max.600 VAC - 6 A)
Rated output
1:
Analogue output
0 to 20 mA (standard)
2:
Analogue output
4 to 20 mADC 1)
3:
Analogue output
0 to 10 VDC 1)
4:
Analogue output
0 to ±1 VDC 1)
Calibration
X:
Standard calibration
Y:
Special calibration,
use ”Y” followed by
requested value
Input Specifications
Accuracy
(@ 25°C ± 5°C, R.H.
≤ 60%)
± 0.5% f.s.,
(0.1 ln/Un to 1 In/Un)
Additional errors:
The given accuracy already
includes: frequency, power
supply, output load influences
Humidity
< 0.3%, 60% to 90% R.H.
Input frequency
< 0.4%, 62 to 400 Hz
Magnetic field
< 0.5%, @ 400 A/m
Ripple
≤ 1% according to IEC
60688-1 and EN 60688-1
Rated input
AV1:
1 A (1 V internal shunt/1
Ω imp)/
100 VAC (200 k
Ω impedance)
AV4:
5 A (250 mV internal shunt/
0,05
Ω impedance) /
100 VAC (200 k
Ω imp.)
AV5:
5 A (250 mV internal shunt/
0,05
Ω impedance) /
500 VAC (1 M
Ω imp.)
AC frequency range
48 to 62 Hz
Overload protection
Cont.:
Current:
1.2 x rated input
Voltage:
1.2 x rated input
For 1 s: Current:
20 x rated input
Voltage:
2 x rated input


Similar Part No. - CVT-DINAV1CD03Y

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CVT-2240 CYPRESS-CVT-2240 Datasheet
14Kb / 3P
   Wiegand -> ASCII Converter
More results

Similar Description - CVT-DINAV1CD03Y

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
PTB-1000 ATS-PTB-1000 Datasheet
513Kb / 1P
   DIFFERENTIAL PRESSURE TRANSDUCER BOARD FOR HIGHLY ACCURATE MEASUREMENTS WITHIN ELECTRONIC SYSTEMS
R2_0215
logo
List of Unclassifed Man...
369B ETC2-369B Datasheet
458Kb / 2P
   AC voltage and current measurements
logo
LEM
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
   AC Current transducer
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
   AC Current transducer
logo
Canopus Electronics (H....
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
   Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
   Magnetic Transducer (AC)
logo
LEM
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
   AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
   AC Current transducer
logo
Canopus Electronics (H....
CMT0704 CANOPUS-CMT0704 Datasheet
791Kb / 1P
   Magnetic Transducer (AC)
CMT1614-T CANOPUS-CMT1614-T Datasheet
862Kb / 1P
   Magnetic Transducer (AC)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com