Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM-23 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KM-23
Description  SURFACE MOUNT LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KM-23 Datasheet(HTML) 3 Page - Kingbright Corporation

  KM-23 Datasheet HTML 1Page - Kingbright Corporation KM-23 Datasheet HTML 2Page - Kingbright Corporation KM-23 Datasheet HTML 3Page - Kingbright Corporation KM-23 Datasheet HTML 4Page - Kingbright Corporation KM-23 Datasheet HTML 5Page - Kingbright Corporation KM-23 Datasheet HTML 6Page - Kingbright Corporation KM-23 Datasheet HTML 7Page - Kingbright Corporation KM-23 Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1-KM-23-3
Parameter
Bright
Red
High
Efficiency
Red
Yellow
Super
Bright
Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
105
100
105
125
mW
DC Forward Current
25
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Absolute Maximum Ratings at T A=25°C
Bright Red KM-23HD, KM23HT, KM-23HC
°C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width .


Similar Part No. - KM-23

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KM-23EC KINGBRIGHT-KM-23EC Datasheet
882Kb / 8P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23EC-F TO-GRACE-KM-23EC-F Datasheet
815Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Kingbright Corporation
KM-23ESGC KINGBRIGHT-KM-23ESGC Datasheet
882Kb / 8P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
882Kb / 8P
   SOT-23 SURFACE MOUNT LED LAMP
More results

Similar Description - KM-23

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
61-24UWC A-BRIGHT-61-24UWC Datasheet
345Kb / 6P
   SURFACE MOUNT LED LAMPS
logo
List of Unclassifed Man...
GH-S170 ETC-GH-S170 Datasheet
321Kb / 3P
   SURFACE MOUNT LED LAMPS
logo
A-BRIGHT Inc
61-23SWC A-BRIGHT-61-23SWC Datasheet
375Kb / 6P
   SURFACE MOUNT LED LAMPS
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4_15 Datasheet
321Kb / 5P
   SURFACE MOUNT LED LAMPS
2006/10/18
61-23UWC A-BRIGHT-61-23UWC Datasheet
399Kb / 6P
   SURFACE MOUNT LED LAMPS
62-217BUW1C1 A-BRIGHT-62-217BUW1C1 Datasheet
625Kb / 8P
   SURFACE MOUNT LED LAMPS
logo
Yellow Stone Corp
GH-S133 YSTONE-GH-S133 Datasheet
374Kb / 1P
   SURFACE MOUNT LED LAMPS
logo
A-BRIGHT Inc
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4 Datasheet
321Kb / 5P
   SURFACE MOUNT LED LAMPS
2006/10/18
61-26UWC A-BRIGHT-61-26UWC Datasheet
341Kb / 6P
   SURFACE MOUNT LED LAMPS
logo
Marktech Corporate
MTSM5100LA-G MARKTECH-MTSM5100LA-G Datasheet
73Kb / 1P
   Surface Mount LED Lamps?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com