Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS3100 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. DS3100
Description  Stratum 3/3E Timing Card IC
Download  226 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

DS3100 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 226 page
background image
1 of 226
REV: 060607
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
When paired with an external TCXO or OCXO, the
DS3100
is
a
complete
central
timing
and
synchronization solution for SONET/SDH network
elements. With two multiprotocol BITS/SSU receivers
and 14 input clocks, the device directly accepts both
external timing and line timing from a large number of
line cards. All input clocks are continuously monitored
for frequency accuracy and activity. Any two of the input
clocks can be selected as the references for the two
core DPLLs. The T0 DPLL complies with the Stratum 3
and 3E requirements of GR1244, GR-253, and the
requirements of G.812 Type III and G.813. From the
output of the core DPLLs, a wide variety of output clock
frequencies and frame pulses can be produced
simultaneously on the 11 output clock pins. Two
DS3100 devices can be configured in a master/slave
arrangement for timing card equipment protection.
The DS3100 registers and I/O pins are backward
compatible with Semtech’s ACS8520 and ACS8530
timing card ICs.
APPLICATIONS
SONET/SDH ADMs, MSPPs, and MSSPs
Digital Cross-Connects
DSLAMs
Service Provider Routers
FUNCTIONAL DIAGRAM
FEATURES
Synchronization Subsystem for Stratum 3E, 3,
4E and 4, SMC and SEC
- Meets Requirements of GR-1244 Stratum 3/3E,
GR-253, G.812 Types I, III and IV, and G.813
- Stratum 3E Holdover Accuracy with Suitable
External Oscillator
- Programmable Bandwidth, 0.5mHz to 70Hz
- Hitless Reference Switching on Loss of Input
- Phase Build-Out and Transient Absorption
- Locks to and Generates 125MHz for Gigabit
Synchronous Ethernet per ITU-T G.8261
14 Input Clocks
- 10 CMOS/TTL Inputs Accept 2kHz, 4kHz, and Any
Multiple of 8kHz Up to 125MHz
- Two LVDS/LVPECL/CMOS/TTL Inputs Accept
Nx8kHz Up to 125MHz Plus 155.52MHz
- Two 64kHz Composite Clock Receivers
- Continuous Input Clock Quality Monitoring
- Separate 2/4/8kHz Frame Sync Input
11 Output Clocks
- Five CMOS/TTL Outputs Drive Any Internally
Produced Clock Up to 77.76MHz
- Two LVDS Outputs Each Drive Any Internally
Produced Clock Up to 311.04MHz
- One 64kHz Composite Clock Transmitter
- One 1.544MHz/2.048MHz Output Clock
- Two Sync Pulses: 8kHz and 2kHz
- Output Clock Rates Include 2kHz, 8kHz, NxDS1,
NxDS2, DS3, NxE1, E3, 6.48MHz, 19.44MHz,
38.88MHz, 51.84MHz, 62.5MHz, 77.76MHz,
125MHz, 155.52MHz, 311.04MHz
Two Multiprotocol BITS/SSU Transceivers
- Receive and Transmit DS1, E1, 2048kHz, and
6312kHz Timing Signals
- Insert and Extract SSM Messages (DS1, E1)
- Automatically Invalidate Clocks on LOS, OOF,
AIS, and Other Defects
Internal Compensation for Master Clock
Oscillator Frequency Accuracy
Processor Interface: 8-Bit Parallel or SPI Serial
1.8V Operation with 3.3V I/O (5V Tolerant)
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS3100GN
-40
°C to +85°C
256 CSBGA (17mm)
2
DS3100GN+
-40
°C to +85°C
256 CSBGA (17mm)
2
+Denotes a lead-free package.
DS3100
Stratum 3/3E Timing Card IC
www.maxim-ic.com
TIMING FROM
BITS/SSU
(DS1, E1, CC, ETC.)
TIMING FROM
LINE CARDS
(VARIOUS RATES) 14
2
LOCAL TCXO
OR OCXO
2
TIMING TO BITS/SSU
(DS1, E1, CC, ETC.)
11
TIMING TO
LINE CARDS
(VARIOUS RATES)
CONTROL STATUS
DS3100
SONET/SDH
SYNCHRONIZATION
IC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn