Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1865T+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1865T+
Description  PON Triplexer Control and Monitoring Circuit
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1865T+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1865T+ Datasheet HTML 2Page - Maxim Integrated Products DS1865T+ Datasheet HTML 3Page - Maxim Integrated Products DS1865T+ Datasheet HTML 4Page - Maxim Integrated Products DS1865T+ Datasheet HTML 5Page - Maxim Integrated Products DS1865T+ Datasheet HTML 6Page - Maxim Integrated Products DS1865T+ Datasheet HTML 7Page - Maxim Integrated Products DS1865T+ Datasheet HTML 8Page - Maxim Integrated Products DS1865T+ Datasheet HTML 9Page - Maxim Integrated Products DS1865T+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
PON Triplexer Control and
Monitoring Circuit
6
_____________________________________________________________________
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
100
50
150
200
250
DAC1 AND M4DAC INL
DAC1 AND M4DAC POSITION (DEC)
-0.05
-0.04
-0.02
-0.03
-0.01
0.01
0
0.02
0.03
0.04
0.05
2.85
3.85
3.35
4.35
4.85
5.35
DAC1 AND M4DAC OFFSET vs. VCC
VCC (V)
TA = -40
°C TO +95°C
LOAD = -0.5mA TO +0.5mA
-0.012
-0.010
-0.008
-0.004
-0.006
-0.002
0
0.002
-0.5 -0.4
-0.1
-0.3 -0.2
0.1
0
0.2 0.3 0.4 0.5
DAC1 AND M4DAC OFFSET VARIATION
vs. LOAD CURRENT
LOAD CURRENT (mA)
VCC = 2.85V
VCC = 3.6V
VCC = 5.0V
VCC = 5.5V
1.245
1.246
1.247
1.248
1.251
1.250
1.249
1.252
1.253
1.254
1.255
-0.5 -0.4
-0.1
-0.3 -0.2
0.1
0
0.2 0.3 0.4 0.5
DAC1 AND M4DAC OUTPUT
vs. LOAD CURRENT
LOAD CURRENT (mA)
VCC = 2.85V
VCC = 5.0V
OUTPUT WITHOUT OFFSET
0
20
10
40
30
60
50
70
90
80
100
001 010
000
011 100 101 110 111
CALCULATED AND DESIRED % CHANGE
IN VMOD vs. MOD RANGING
MOD RANGING VALUE (DEC)
DESIRED VALUE
CALCULATED VALUE
0
20
10
40
30
60
50
70
90
80
100
DESIRED AND CALCULATED CHANGE
IN VBMD vs. COMP RANGING
COMP RANGING (DEC)
001 010
000
011 100 101 110 111
DESIRED VALUE
CALCULATED VALUE
Typical Operating Characteristics
(
VCC = 3.3V, TA = +25°C, unless otherwise noted.)
3.000
4.000
3.500
4.500
5.000
5.500
6.000
6.500
7.000
2.850
3.850
3.350
4.350
4.80
5.350
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
SDA = SCL = VCC
+95
°C
-40
°C
+25
°C
3.000
4.000
3.500
4.500
5.000
5.500
6.000
6.500
7.000
-40
0
-20
20
40
80
60
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
SDA = SCL = VCC
VCC = 5.5V
VCC = 2.85V
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
0
100
50
150
200
250
DAC1 AND M4DAC DNL
DAC1 AND M4DAC POSITION (DEC)


Similar Part No. - DS1865T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865T++ MAXIM-DS1865T+ Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1865T+TR MAXIM-DS1865T+TR Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
More results

Similar Description - DS1865T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1865 MAXIM-DS1865_09 Datasheet
522Kb / 67P
   PON Triplexer Control and Monitoring Circuit
Rev 1; 11/09
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com