Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREBLU-L1-0000-005F6 Datasheet(PDF) 5 Page - Cree, Inc

Part # XREBLU-L1-0000-005F6
Description  XLamp XR-E and XR-C LED Binning and Labeling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREBLU-L1-0000-005F6 Datasheet(HTML) 5 Page - Cree, Inc

  XREBLU-L1-0000-005F6 Datasheet HTML 1Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 2Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 3Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 4Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 5Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 6Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 7Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 8Page - Cree, Inc XREBLU-L1-0000-005F6 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc.
5
CLD-AP2.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Performance Groups – Chromaticity (continued)
Region
x
y
Region
x
y
Region
x
y
Region
x
y
3A
.3371
.3490
3B
.3376
.3616
3C
.3463
.3687
3D
.3451
.3554
.3451
.3554
.3463
.3687
.3551
.3760
.3533
.3620
.3440
.3428
.3451
.3554
.3533
.3620
.3515
.3487
.3366
.3369
.3371
.3490
.3451
.3554
.3440
.3428
4A
.3512
.3465
4B
.3529
.3597
4C
.3615
.3659
4D
.3590
.3521
.3529
.3597
.3548
.3736
.3641
.3804
.3615
.3659
.3615
.3659
.3641
.3804
.3736
.3874
.3702
.3722
.3590
.3521
.3615
.3659
.3702
.3722
.3670
.3578
5A
.3670
.3578
5B
.3702
.3722
5C
.3825
.3798
5D
.3783
.3646
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
6A
.3889
.3690
6B
.3941
.3848
6C
.4080
.3916
6D
.4017
.3751
.3941
.3848
.3996
.4015
.4146
.4089
.4080
.3916
.4080
.3916
.4146
.4089
.4299
.4165
.4221
.3984
.4017
.3751
.4080
.3916
.4221
.3984
.4147
.3814
7A
.4147
.3814
7B
.4221
.3984
7C
.4342
.4028
7D
.4259
.3853
.4221
.3984
.4299
.4165
.4430
.4212
.4342
.4028
.4342
.4028
.4430
.4212
.4562
.4260
.4465
.4071
.4259
.3853
.4342
.4028
.4465
.4071
.4373
.3893
8A
.4373
.3893
8B
.4465
.4071
8C
.4582
.4099
8D
.4483
.3919
.4465
.4071
.4562
.4260
.4687
.4289
.4582
.4099
.4582
.4099
.4687
.4289
.4813
.4319
.4700
.4126
.4483
.3919
.4582
.4099
.4700
.4126
.4593
.3944
Performance Groups – Dominant Wavelength
Royal blue and blue XLamp LEDs are tested for dominant wavelength (DWL) and placed into one of the DWL groups
defined below.
Color
DWL Group
Min. DWL (nm)
@ 50 mA
Max. DWL (nm)
@ 50 mA
Royal Blue
D3
450
455
D4
455
460
D5
460
465
Blue
B3
465
470
B4
470
475
B5
475
480
B6
480
485


Similar Part No. - XREBLU-L1-0000-005F6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREBLU-L1-0000-00H01 CREE-XREBLU-L1-0000-00H01 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREBLU-L1-0000-00J01 CREE-XREBLU-L1-0000-00J01 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREBLU-L1-0000-00J01 CREE-XREBLU-L1-0000-00J01 Datasheet
1Mb / 14P
   XLamp XR-E LED
XREBLU-L1-0000-00K01 CREE-XREBLU-L1-0000-00K01 Datasheet
1Mb / 14P
   XLamp XR-E LED
More results

Similar Description - XREBLU-L1-0000-005F6

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Ledil, Inc.
FA10739 LEDIL-FA10739 Datasheet
2Mb / 4P
   ~32째 medium beam designed for CREE XR-E.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com