Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8007B Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA8007B
Description  Double multiprotocol IC card interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8007B Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA8007B Datasheet HTML 20Page - NXP Semiconductors TDA8007B Datasheet HTML 21Page - NXP Semiconductors TDA8007B Datasheet HTML 22Page - NXP Semiconductors TDA8007B Datasheet HTML 23Page - NXP Semiconductors TDA8007B Datasheet HTML 24Page - NXP Semiconductors TDA8007B Datasheet HTML 25Page - NXP Semiconductors TDA8007B Datasheet HTML 26Page - NXP Semiconductors TDA8007B Datasheet HTML 27Page - NXP Semiconductors TDA8007B Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
2000 Nov 09
24
Philips Semiconductors
Product specification
Double multiprotocol IC card interface
TDA8007B
CHARACTERISTICS
VDD = 3.3 V; VSS =0V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2.7
6.0
V
IDD(pd)
supply current in
Power-down mode
VDD = 3.3 V; cards inactive;
XTAL oscillator stopped
−−
350
µA
VDD = 3.3 V; cards active at
VCC = 5 V; CLK stopped;
XTAL oscillator stopped
−−
3mA
IDD(sm)
supply current in Sleep
mode
both cards powered, but with CLK
stopped
−−
5.5
mA
IDD(om)
supply current in operating
mode
ICC1 = 65 mA; ICC2 = 15 mA;
fXTAL = 20 MHz; fCLK = 10 MHz;
5 V cards; VDD = 2.7 V
−−
315
mA
ICC1 = 50 mA; ICC2 = 30 mA;
fXTAL = 20 MHz; fCLK = 10 MHz;
3 V cards; VDD = 2.7 V
−−
215
mA
ICC1 = 50 mA; ICC2 = 30 mA;
fXTAL = 20 MHz; fCLK = 10 MHz;
3 V cards; VDD =5V
−−
100
mA
Vth1
threshold voltage on VDD
(falling)
2.25
2.50
V
Vhys1
hysteresis on Vth1
50
170
mV
Vth2
threshold voltage on pin
DELAY
1.25
V
VDELAY
voltage on pin DELAY
−−
VDD + 0.3
V
Io(DELAY)
output current at pin DELAY
pin grounded (charge)
−−2
−µA
VDELAY =VDD (discharge)
2
mA
CDELAY
capacitance value
1
−−
nF
tW(ALARM)
ALARM pulse width
CDELAY =22nF
10
ms
RSTOUT (open-drain active HIGH output)
IOH
HIGH-level output current
active LOW option; VOH =5V
−−
10
µA
VOL
LOW-level output voltage
active LOW option; IOL =2mA
−0.3
+0.4
V
IOL
LOW-level output current
active HIGH option; VOL =0V
−−
−10
µA
VOH
HIGH-level output voltage
active HIGH option; IOH = −1 mA
0.8VDD
VDD + 0.3
V
Crystal oscillator
fXTAL
crystal frequency
4
25
MHz
fext
external frequency applied
to pin XTAL1
0
25
MHz


Similar Part No. - TDA8007B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
More results

Similar Description - TDA8007B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
NXP Semiconductors
TDA8006 PHILIPS-TDA8006 Datasheet
166Kb / 40P
   Multiprotocol IC Card coupler
2000 Feb 21
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
   Double Scart Interface IC
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Exar Corporation
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
ATMEL Corporation
T83C5121 ATMEL-T83C5121_06 Datasheet
839Kb / 115P
   8-bit Microcontroller with Multiprotocol Smart Card Interface
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com