Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8006 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8006
Description  Multiprotocol IC Card coupler
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8006 Datasheet HTML 6Page - NXP Semiconductors TDA8006 Datasheet HTML 7Page - NXP Semiconductors TDA8006 Datasheet HTML 8Page - NXP Semiconductors TDA8006 Datasheet HTML 9Page - NXP Semiconductors TDA8006 Datasheet HTML 10Page - NXP Semiconductors TDA8006 Datasheet HTML 11Page - NXP Semiconductors TDA8006 Datasheet HTML 12Page - NXP Semiconductors TDA8006 Datasheet HTML 13Page - NXP Semiconductors TDA8006 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2000 Feb 21
10
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
Table 2
Special function register bit addresses
X = don’t care.
REGISTER
BYTE
ADDRESS
(HEX)
BIT ADDRESS [HEX]
BIT RESET
VALUE
BIT FUNCTION
MSB
LSB
IP1
F8
[FF]
[FE]
[FD]
[FC]
[FB]
[FA]
[F9]
[F8]
−−−−
PT2
−−−
XXXX 0XXX
B
F0
[F7]
[F6]
[F5]
[F4]
[F3]
[F2]
[F1]
[F0]
−−−−−−−−
0000 0000
IEN1
E8
[EF]
[EE]
[ED]
[EC]
[EB]
[EA]
[E9]
[E8]
−−−
ET2
−−−
0000 0000
ACC
E0
[E7]
[E6]
[E5]
[E4]
[E3]
[E2]
[E1]
[E0]
−−−−−−−−
0000 0000
PSW
D0
[D7]
[D6]
[D5]
[D4]
[D3]
[D2]
[D1]
[D0]
CY
AC
F0
RS1
RS0
OV
F1
P
0000 0000
T2CON
C8
[CF]
[CE]
[CD]
[CC]
[CB]
[CA]
[C9]
[C8]
TF2
EXF2
RCLK
TCLK
EXEN2 TR2
C/T2N
CP/RL2N 0000 0000
P4
C0
[C7]
[C6]
[C5]
[C4]
[C3]
[C2]
[C1]
[C0]
−−−−−−−−
1111 1111
IP0
B8
[BF]
[BE]
[BD]
[BC]
[BB]
[BA]
[B9]
[B8]
−−−
PS0
PT1
PX1
PT0
PX0
XXX0 0000
P3
B0
[B7]
[B6]
[B5]
[B4]
[B3]
[B2]
[B1]
[B0]
−−−−−−−−
1111 1111
IEN0
A8
[AF]
[AE]
[AD]
[AC]
[AB]
[AA]
[A9]
[A8]
EA
−−
ES0
ET1
EX1
ET0
EX0
0XX0 0000
P2
A0
[A7]
[A6]
[A5]
[A4]
[A3]
[A2]
[A1]
[A0]
−−−−−−−−
1111 1111
SCON
98
[9F]
[9E]
[9D]
[9C]
[9B]
[9A]
[99]
[98]
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
0000 0000
P1
90
[97]
[96]
[95]
[94]
[93]
[92]
[91]
[90]
−−−−−−−−
1111 1111
TCON
88
[8F]
[8E]
[8D]
[8C]
[8B]
[8A]
[89]
[88]
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000 0000
P0
80
[87]
[86]
[85]
[84]
[83]
[82]
[81]
[80]
−−−−−−−−
1111 1111


Similar Part No. - TDA8006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8000 PHILIPS-TDA8000 Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8000T PHILIPS-TDA8000T Datasheet
218Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001 PHILIPS-TDA8001 Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001A PHILIPS-TDA8001A Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
TDA8001AT PHILIPS-TDA8001AT Datasheet
204Kb / 24P
   Smart card interface
1996 Dec 12
More results

Similar Description - TDA8006

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8008 PHILIPS-TDA8008 Datasheet
68Kb / 12P
   Dual multiprotocol smart card coupler
1999 Dec 14
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
Marktech Corporate
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
   PHOTO IC COUPLER
MT26010 MARKTECH-MT26010 Datasheet
186Kb / 5P
   PHOTO IC COUPLER?
MT25300 MARKTECH-MT25300 Datasheet
211Kb / 7P
   PHOTO IC COUPLER
MT6500 MARKTECH-MT6500 Datasheet
193Kb / 7P
   PHOTO IC COUPLER
MT26300 MARKTECH-MT26300 Datasheet
243Kb / 9P
   PHOTO IC COUPLER?
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
Infineon Technologies A...
BGC100GN6 INFINEON-BGC100GN6 Datasheet
194Kb / 2P
   Switchable Wideband Directional Coupler IC
V 2.1 2018-01-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com