Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS93-06054 Datasheet(PDF) 3 Page - Bi technologies

Part # HS93-06054
Description  T1/CEPT/ISDN-Pri Telecom Products
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS93-06054 Datasheet(HTML) 3 Page - Bi technologies

  HS93-06054 Datasheet HTML 1Page - Bi technologies HS93-06054 Datasheet HTML 2Page - Bi technologies HS93-06054 Datasheet HTML 3Page - Bi technologies HS93-06054 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
127
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

T3/DS3/E3/STS-1 Telecom Products
RoHS
Compliant
for
‘LF’ Models
Specifications
Turns Ratio4 (±5%)
OCL
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
Transformer
Primary : Secondary
(µH Min.)
Style
Pitch
Length
Width Height
(Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HT00-02107TR or HT00-02107LFTR (for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-02601LF or HS00-02601LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) CT is Center Tap & CS is Split Center Tap
HS00-00585
LF
Single
1:1
40
6-pin DIL
100 mil
12.70
8.90
6.35
3000
HS00-00588
LF
Single
1:2CT
19
6-pin SMT 100 mil
7.62
10.62
6.35
1500
HS00-00710
LF
Single
1:1
100
6-pin SMT 100 mil
7.62
9.91
6.35
1500
HT00-02107
LF
Single
1CT:1CT
40
6-pin SMT 100 mil
7.62
9.91
6.35
1500
HS00-02601
LF
Single
1:1
600
6-pin SMT 100 mil
7.62
9.91
6.35
1500
• Meets standard dielectric withstanding voltage requirements
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
VDSL Telecom Products
Specifications
Turns Ratio
Packaging (mm)
Hi-Pot
BI P/N
RoHS1
Chip: Line (±3%)
Style
Pitch
Length
Width
Height
(Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HT82-05099TR or HT82-05099LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HT82-005087LF
(3) Tube Packaging only
HT82-050873
LF
1:1CT
6-pin TH
2.54
12.7
8.89
6.35
3000
HT82-05099
LF
1:1CT
6-pin SMT
2.54
7.61
9.91
6.35
3000
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HS93-06054

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS93 BITECH-HS93 Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
logo
API Technologies Corp
HS9338 APITECH-HS9338 Datasheet
2Mb / 3P
   Complete 關P Compatible 12-Bit DAC
logo
Bi technologies
HS9397725TB BITECH-HS9397725TB Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397725TR BITECH-HS9397725TR Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
HS9397727TB BITECH-HS9397727TB Datasheet
133Kb / 6P
   TI CEPT ISDN Transformers
More results

Similar Description - HS93-06054

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT_15 Datasheet
89Kb / 1P
   T1/CEPT/ISDN-PRI
XF0013T8 XFMRS-XF0013T8_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E1 XFMRS-XF0023E1_15 Datasheet
44Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E9 XFMRS-XF0023E9_15 Datasheet
41Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E12 XFMRS-XF0023E12_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E2 XFMRS-XF0023E2_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E4 XFMRS-XF0023E4_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E13 XFMRS-XF0023E13_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
logo
Bel Fuse Inc.
S559-6400-00 BEL-S559-6400-00 Datasheet
59Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
logo
List of Unclassifed Man...
LT-1625S ETC1-LT-1625S Datasheet
26Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com