Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8004AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8004AT
Description  IC card interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8004AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8004AT Datasheet HTML 2Page - NXP Semiconductors TDA8004AT Datasheet HTML 3Page - NXP Semiconductors TDA8004AT Datasheet HTML 4Page - NXP Semiconductors TDA8004AT Datasheet HTML 5Page - NXP Semiconductors TDA8004AT Datasheet HTML 6Page - NXP Semiconductors TDA8004AT Datasheet HTML 7Page - NXP Semiconductors TDA8004AT Datasheet HTML 8Page - NXP Semiconductors TDA8004AT Datasheet HTML 9Page - NXP Semiconductors TDA8004AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2004 May 10
6
Philips Semiconductors
Product specification
IC card interface
TDA8004AT
FUNCTIONAL DESCRIPTION
Throughout this document, it is assumed that the reader is
familiar with ISO7816 norm terminology.
Power supply
The supply pins for the IC are VDD and GND. VDD should
be in the range from 2.7 to 6.5 V. All interface signals with
the microcontroller are referenced to VDD; therefore be
sure the supply voltage of the microcontroller is also at
VDD. All card contacts remain inactive during powering up
or powering down. The sequencer is not activated until
VDD reaches Vth2 +Vhys(th2) (see Fig.3). When VDD falls
below Vth2, an automatic deactivation of the contacts is
performed.
For generating a 5 V
±5% VCC supply to the card, an
integrated voltage doubler is incorporated. This step-up
converter should be separately supplied by VDDP and
PGND (from 4.5 to 6.5 V). Due to large transient currents,
the 2
× 100 nF capacitors of the step-up converter should
have an ESR of less than 100 m
Ω, and be located as near
as possible to the IC.
The supply voltages VDD and VDDP may be applied to the
IC in any time sequence.
If a voltage between 7 and 9 V is available within the
application, this voltage may be tied to pin VUP, thus
blocking the step-up converter. In this case, VDDP must be
tied to VDD and the capacitor between pins S1 and S2 may
be omitted.
Voltage supervisor
This block surveys the VDD supply. A defined reset pulse
of approximately 10 ms (tW) is used internally for
maintaining the IC in the inactive mode during powering up
or powering down of VDD (see Fig.3)).
As long as VDD is less than Vth2 +Vhys(th2), the IC will
remain inactive whatever the levels on the command lines.
This also lasts for the duration of tW after VDD has reached
a level higher than Vth2 +Vhys(th2).
The system controller should not attempt to start an
activation sequence during this time.
When VDD falls below Vth2, a deactivation sequence of the
contacts is performed.
CLKDIV1
CLKDIV2
5V/3V
PGND
S2
VDDP
S1
VUP
PRES
PRES
I/O
AUX2
AUX1
CGND
AUX2UC
AUX1UC
I/OUC
XTAL2
OFF
GND
XTAL1
VDD
RSTIN
CMDVCC
n.c.
VCC
RST
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA8004AT
FCE659
Fig.2 Pin configuration.


Similar Part No. - TDA8004AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
More results

Similar Description - TDA8004AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
   IC card interface
1999 Oct 12
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
logo
Unisonic Technologies
UTDA8024 UTC-UTDA8024 Datasheet
351Kb / 15P
   IC CARD INTERFACE
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com