Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1206H104M Datasheet(PDF) 4 Page - Bi technologies

Part # LC1206H104M
Description  Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

LC1206H104M Datasheet(HTML) 4 Page - Bi technologies

  LC1206H104M Datasheet HTML 1Page - Bi technologies LC1206H104M Datasheet HTML 2Page - Bi technologies LC1206H104M Datasheet HTML 3Page - Bi technologies LC1206H104M Datasheet HTML 4Page - Bi technologies LC1206H104M Datasheet HTML 5Page - Bi technologies LC1206H104M Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-46
Model LC Series
Low pass filters are most commonly used in high
frequency circuits where the probability of noise is
significant.
The LC Series, a ladder type low pass filter, is the
most suitable for attenuating unwanted noise.
The LC Series is an integrated passive device with the
equivalent of four inductors and three capacitors
imbedded into a single 0805 or 1206 monolithic chip.
The LC Series integrated passive ladder construction
FILTER DESIGN COMPARISON AND BENEFITS
Cutoff
Rated
Part
Frequency
Rated
Current
DCR
Number
-3dB (±20%)
Voltage
Max.
Max.
LC 0805 L 103M
10 MHz
25Vdc
100mA dc
6 Ohms
LC 1206 L 103M
10 MHz
25Vdc
100mA dc
6 Ohms
LC 0805 L 223M
22 MHz
25Vdc
100mA dc
6 Ohms
LC 1206 L/H 223M
22 MHz
25Vdc
100mA dc/1A dc
6 Ohms/1 Ohm
LC 0805 L/H 473M
47 MHz
25Vdc
100mA dc/1A dc
6 Ohms/1 Ohm
LC 1206 L/H 473M
47 MHz
25Vdc
100mA dc/1A dc
6 Ohms/1 Ohm
LC 0805 L/H 104M
100 MHz
25Vdc
100mA dc/1A dc
6 Ohms/1 Ohm
LC 1206 L/H 104M
100 MHz
25Vdc
100mA dc/1A dc
6 Ohms/1 Ohm
LC 0805 L/H 224M
220 MHz
25Vdc
100mA dc/1A dc
6 Ohms/1 Ohm
ELECTRICAL
Solderability
JIS C5102 8.4, 230°, 4 seconds, 90% coverage
Life
2 x rated voltage,
∆C, ∆L, ≤30%, 1,000 hours at 85°C
Temperature Cycle
JIS C5102 9.3, -25°C to +85°C, 5 cycles,
∆C, ∆L, ≤20%
Moisture Resistance
+65°C, 90% R.H., 1,000 hours,
∆C, ∆L, ≤30%
ENVIRONMENTAL
is superior to discrete solutions at high frequencies
due to very short internal interconnections.
The LC Series' ladder construction is superior to "T"
styles by offering greater attenuation beyond the cutoff
frequency.
The LC Series low pass filters offer steeper insertion
loss and greater noise attenuation than other filters.
The LC Series provides signal attenuation below -20dB
above 1GHz.


Similar Part No. - LC1206H104M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC120 MICROSEMI-LC120 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC120 MICROSEMI-LC120 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC120 MICROSEMI-LC120 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC120 NJSEMI-LC120 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vectron International, ...
LC120-0-2-0-03 VECTRON-LC120-0-2-0-03 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 120.0 MHz
More results

Similar Description - LC1206H104M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
SCHOTT CORPORATION
32423 SCHOTT-32423 Datasheet
15Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32454 SCHOTT-32454 Datasheet
14Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32455 SCHOTT-32455 Datasheet
14Kb / 1P
   INDUCTOR , 4 mH POTS LOW PASS FILTER
32420 SCHOTT-32420 Datasheet
14Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32300 SCHOTT-32300 Datasheet
13Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32457 SCHOTT-32457 Datasheet
13Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32458 SCHOTT-32458 Datasheet
25Kb / 1P
   INDUCTOR, 6 mH, POTS LOW PASS FILTER
31629 SCHOTT-31629 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32421 SCHOTT-32421 Datasheet
16Kb / 1P
   INDUCTOR 6 mH POTS LOW PASS FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com