Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8002CT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8002CT
Description  IC card interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8002CT Datasheet HTML 1Page - NXP Semiconductors TDA8002CT Datasheet HTML 2Page - NXP Semiconductors TDA8002CT Datasheet HTML 3Page - NXP Semiconductors TDA8002CT Datasheet HTML 4Page - NXP Semiconductors TDA8002CT Datasheet HTML 5Page - NXP Semiconductors TDA8002CT Datasheet HTML 6Page - NXP Semiconductors TDA8002CT Datasheet HTML 7Page - NXP Semiconductors TDA8002CT Datasheet HTML 8Page - NXP Semiconductors TDA8002CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1999 Oct 12
5
Philips Semiconductors
Product specification
IC card interface
TDA8002C
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
TYPE
CT/A
TYPE
CT/B
TYPE
CT/C
TYPE
CG
XTAL1
1
1
1
30
I
crystal connection or input for external clock
XTAL2
2
2
2
31
O
crystal connection
I/OUC
3
3
3
32
I/O
data I/O line to and from microcontroller
AUX1UC
4441
I/O
auxiliary line 1 to and from microcontroller for synchronous
applications
AUX2UC
5
−−
2
I/O
auxiliary line 2 to and from microcontroller for synchronous
applications
CS
5
5
3
I
chip select control input for enabling pins I/OUC, AUX1UC,
AUX2UC, CLKSEL, CLKDIV1, CLKDIV2, STROBE, CV/TV,
CMDVCC, RSTIN, OFF and MODE; note 1
ALARM
6664
O
open drain PMOS reset output for microcontroller (active
HIGH)
CLKSEL
7775
I
control input signal for CLK (LOW = XTAL oscillator;
HIGH = STROBE input)
CLKDIV1
8886
I
control input with CLKDIV2 for choosing CLK frequency
CLKDIV2
9997
I
control input with CLKDIV1 for choosing CLK frequency
STROBE
10
10
10
8
I
external clock input for synchronous applications
CLKOUT
11
11
11
9
O
clock output (see Table 1)
DGND1
12
12
12
10
supply digital ground 1
AGND
13
13
13
11
supply analog ground
S2
14
14
14
12
I/O
capacitance connection for voltage doubler
VDDA
15
15
15
13
supply analog supply voltage
S1
16
16
16
14
I/O
capacitance connection for voltage doubler
VUP
17
17
17
15
I/O
output of voltage doubler
I/O
18
18
18
16
I/O
data I/O line to and from card
AUX2
19
−−
17
I/O
auxiliary I/O line to and from card
PRES
20
19
19
18
I
card input presence contact (active LOW)
PRES
20
−−
I
active HIGH card input presence contact
CV/TV
−−
20
19
I
card voltage selection input line (high = 5 V, low = 3 V); note 1
AUX1
21
21
21
20
I/O
auxiliary I/O line to and from card
CLK
22
22
22
21
O
clock to card output (C3I) (see Table 1)
RST
23
23
23
22
O
card reset output (C2I)
VCC
24
24
24
23
O
supply for card (C1I)
CMDVCC
25
25
25
24
I
start activation sequence input from microcontroller (active
LOW)
RSTIN
26
26
26
25
I
card reset input from microcontroller
OFF
27
27
27
26
O
open-drain NMOS interrupt output to microcontroller (active
LOW)


Similar Part No. - TDA8002CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002A PHILIPS-TDA8002A Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002AT PHILIPS-TDA8002AT Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002AT/3 PHILIPS-TDA8002AT/3 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8002AT/3/C2 PHILIPS-TDA8002AT/3/C2 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
More results

Similar Description - TDA8002CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
   IC card interface
1997 Nov 04
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
   IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
   IC card interface
2004 July 12
logo
ARTSCHIP ELECTRONICS CO...
TDA8024 ARTSCHIP-TDA8024 Datasheet
3Mb / 25P
   IC card interface
logo
NXP Semiconductors
TDA8024 PHILIPS-TDA8024 Datasheet
172Kb / 29P
   IC card interface
2004 July 12
TDA8004T PHILIPS-TDA8004T Datasheet
109Kb / 24P
   IC card interface
1999 Dec 30
TDA8004AT PHILIPS-TDA8004AT Datasheet
132Kb / 22P
   IC card interface
2004 May 10
TDA8025 NXP-TDA8025 Datasheet
188Kb / 38P
   IC card interface
Rev. 01-6 April 2009
logo
Unisonic Technologies
UTDA8024 UTC-UTDA8024 Datasheet
351Kb / 15P
   IC CARD INTERFACE
logo
ON Semiconductor
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com