Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT8400594S Datasheet(PDF) 1 Page - Bi technologies

Part # HT8400594S
Description  ADSL Coupling Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT8400594S Datasheet(HTML) 1 Page - Bi technologies

  HT8400594S Datasheet HTML 1Page - Bi technologies HT8400594S Datasheet HTML 2Page - Bi technologies HT8400594S Datasheet HTML 3Page - Bi technologies HT8400594S Datasheet HTML 4Page - Bi technologies HT8400594S Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
6-211
Model HT84 Series
NEW PRODUCT
MODEL HT84 SERIES
ADSL Coupling
Transformers
• Supports industry standard ADSL/ADSL Lite transceivers
• Excellent total harmonic distortion characteristics
• Meets standard dielectric withstanding voltage requirements
• Conforms to ANSI, ITU and ETSI standards
• Operating temperature range of -40°C to +85°C
• Can be customized to meet unique specifications
APPLICATIONS
• Designed for line rates up to 8 Mb/s applications
• Designs available for multiple data rates
• ADSL coupling transformer
FEATURES AND BENEFITS
Specifications subject to change without notice.
Last Update: 01/08/2003.


Similar Part No. - HT8400594S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT84036 HOLTEK-HT84036 Datasheet
246Kb / 31P
   Magic VoiceTM
HT84072 HOLTEK-HT84072 Datasheet
246Kb / 31P
   Magic VoiceTM
More results

Similar Description - HT8400594S

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A Datasheet
134Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1_1 Datasheet
92Kb / 1P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8426-A COILCRAFT-AS8426-A_13 Datasheet
185Kb / 2P
   ADSL Transformers
logo
XFMRS Inc.
XF2038A XFMRS-XF2038A_15 Datasheet
57Kb / 1P
   ADSL TRANSFORMERS
logo
Coilcraft lnc.
AS8952-A COILCRAFT-AS8952-A_13 Datasheet
204Kb / 2P
   ADSL Transformers
AS8952-A COILCRAFT-AS8952-A Datasheet
400Kb / 2P
   ADSL Transformers
B0726 COILCRAFT-B0726_13 Datasheet
52Kb / 1P
   ADSL Transformers
AS7787-A COILCRAFT-AS7787-A Datasheet
132Kb / 2P
   ADSL Transformers
logo
Datatronic Distribution...
PT533-1 DATATRONICS-PT533-1 Datasheet
90Kb / 1P
   ADSL Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com