Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC1206H223M7 Datasheet(PDF) 5 Page - Bi technologies

Part # LC1206H223M7
Description  Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

LC1206H223M7 Datasheet(HTML) 5 Page - Bi technologies

  LC1206H223M7 Datasheet HTML 1Page - Bi technologies LC1206H223M7 Datasheet HTML 2Page - Bi technologies LC1206H223M7 Datasheet HTML 3Page - Bi technologies LC1206H223M7 Datasheet HTML 4Page - Bi technologies LC1206H223M7 Datasheet HTML 5Page - Bi technologies LC1206H223M7 Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4-47
Model LC Series
OUTLINE DIMENSIONS (Inch/mm)
B
A
Ferrite
Terminal
Electrode
Common
Ground
C
0805
2012
1206
3216
.079
±.008
2.0
±0.20
.126
±.008
3.2
±0.20
.049
±.008
1.25
±0.20
.063
±008
1.6
±0.20
.031
±.008
0.8
±0.20
.039
±008
1.0
±0.20
.012
±0.10
0.3
±0.25
.016
±012
0.4
±0.30
A Dim.
Size
B Dim.
C Dim.
D Dim.
.024
±0.12
0.6
±0.30
.043
±.012
1.1
±0.30
E Dim.
.039
±008
1.0
±0.20
.063
±.012
1.6
±0.30
F Dim.
D
E
F
RECOMMENDED PCB LAYOUT
(Inch/mm)
B
D
D
E
C
A
Model
LC 0805
LC 1206
A Dim.
.160
4.0
.110
2.8
B Dim.
.080
2.0
.070
1.8
C Dim.
.060
1.5
.036
.90
D Dim.
.036
.90
.025
.65
E Dim.
.014
.35
.012
.30
Note: Via recommended between ground plane and center pad.


Similar Part No. - LC1206H223M7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC120 MICROSEMI-LC120 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC120 MICROSEMI-LC120 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC120 MICROSEMI-LC120 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC120 NJSEMI-LC120 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Vectron International, ...
LC120-0-2-0-03 VECTRON-LC120-0-2-0-03 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 120.0 MHz
More results

Similar Description - LC1206H223M7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
SCHOTT CORPORATION
32423 SCHOTT-32423 Datasheet
15Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32454 SCHOTT-32454 Datasheet
14Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32455 SCHOTT-32455 Datasheet
14Kb / 1P
   INDUCTOR , 4 mH POTS LOW PASS FILTER
32420 SCHOTT-32420 Datasheet
14Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32300 SCHOTT-32300 Datasheet
13Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32457 SCHOTT-32457 Datasheet
13Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32458 SCHOTT-32458 Datasheet
25Kb / 1P
   INDUCTOR, 6 mH, POTS LOW PASS FILTER
31629 SCHOTT-31629 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32421 SCHOTT-32421 Datasheet
16Kb / 1P
   INDUCTOR 6 mH POTS LOW PASS FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com