Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3-DINAV23CO Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EM3-DINAV23CO
Description  Energy Management Energy Meter with plug-in Output Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM3-DINAV23CO Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EM3-DINAV23CO Datasheet HTML 1Page - List of Unclassifed Manufacturers EM3-DINAV23CO Datasheet HTML 2Page - List of Unclassifed Manufacturers EM3-DINAV23CO Datasheet HTML 3Page - List of Unclassifed Manufacturers EM3-DINAV23CO Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice
EM3-DINDS240806
3
Wiring diagrams
EM3-DIN 20(90)A
Direct connection (3-phase system + N)
Direct connection (3-phase system)
Direct connection (3-phase system + N)
EM3-DIN
Self power-supplied
Fig. 1
Wiring diagrams (optional module)
Only open collector outputs: the grounds of the outputs are separated, and therefore it’s possible to carry out, for the same module,
two different connections. The load resistance (Rc) must be designed so that the closed contact current is lower than 100mA; the
VDC voltage must be lower than or equal to 30V.
Open collector output Fig. 1
Auxiliary power-supply
Fig. 2
Auxiliary power-supply
Fig. 3
Accuracy
Accuracy (RDG) depending on the current
Error
90A (Imax)
20A (Ib)
2A
(0.1) Ib
1A
(0.05 Ib)
+2%
+4%
-4%
0%
+2.5%
-2%
EN 61036/ IEC 61036 limits
Active energy
Start-up current: 80mA
-2.5%
Accuracy (RDG) depending on the current
Error
90A (Imax)
20A (Ib)
2A
(0.1) Ib
1A
(0.05 Ib)
+3%
+5%
-5%
0%
+4%
-3%
EN 61268/ IEC 61268 limits
Reactive energy
Start-up current: 80mA
-4%
Relay + open collecttor output Fig. 2


Similar Part No. - EM3-DINAV23CO

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
EM30-AP6X2-H1141/S1102 TURCK-EM30-AP6X2-H1141/S1102 Datasheet
1,002Kb / 2P
   Signal Processor – For Inductive Sensor up to 250 °C
11/07/2023
logo
EPCOS
EM3000XS EPCOS-EM3000XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM300X EPCOS-EM300X Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
EM300XS EPCOS-EM300XS Datasheet
123Kb / 4P
   Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027 Datasheet
593Kb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3-DINAV23CO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM4-DINAV53 ETC2-EM4-DINAV53 Datasheet
203Kb / 8P
   Energy Management Energy Meter with plug-in Output Modules
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
WM22-DIN ETC2-WM22-DIN Datasheet
244Kb / 10P
   Energy Management Power Analyzer with plug-in Output Modules
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
   Energy Management Energy Analyzer
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com