Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF105F-5110DT1DXXX Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF105F-5110DT1DXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105F-5110DT1DXXX Datasheet(HTML) 2 Page - Hongfa Technology

  HF105F-5110DT1DXXX Datasheet HTML 1Page - Hongfa Technology HF105F-5110DT1DXXX Datasheet HTML 2Page - Hongfa Technology HF105F-5110DT1DXXX Datasheet HTML 3Page - Hongfa Technology HF105F-5110DT1DXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B1 lhhh5vx
=PQ1 jmhh5vx
ib
jjp
:SWYQIXPTS WXISKIVK
71 xD9KK {
=PQ1 xD9KK w
54 X[UL
24 X[UL
5PLQLJXVPJ WXVLSNXO
a:=LO==F ;GAD ` ;GFL9;LKb
4TPQ ZTQXINL MTVR
51 yx
21 vx
}{ihm{emr khv
}{ihm{em+r jmv
}{ihm{em g hip
ei}
y 3
541 m5yx LG iih5yx
241 ij5vx LG joo5vx
2
>@56@:=8 :=7>@<2B:>=
4TSWXVYJXPTS
A1 /D9KLA; K=9D=<
=PQ1 yMKL HJGL=;L=<
4TSXIJX IVVISNLRLSX /91i {GJE v
/51i {GJE w
/H1i {GJE x
4>:; 52B2
m
n
q
ij
im
ip
jl
lp
oh
iih
jo P ai ih_b
lh P ai ih_b
qo P ai ih_b
imm P ai ih_b
jmn P ai ih_b
kph P ai ih_b
nnh P ai ih_b
jmnh P ai ih_b
mmhh P ai ih_b
iklmh P ai ih_b
kfom
lfmh
nfom
qfhh
iifjm
ikfmh
ipfhh
knfhh
mjfmh
pjfmh
hfm
hfn
hfq
ifj
ifm
ifp
jfl
lfp
ofh
ii
-GEAF9D
5GDL9?=
5yx
xGAD
1=KAKL9F;=
/A;CeMH
5GDL9?=
5yx
E9Pf
yJGHeGML
5GDL9?=
5yx
EAFf
,9Pf
5GDL9?=
5yx
nfm
ofp
iifo
imfn
iqfm
jkfl
kifj
njfl
qi
ilk
=TXLW1 ib 6@=F J=IMAJAF? HA;CeMH NGDL9?= t ph_ G> FGEAF9D NGDL9?=d
KH=;A9D GJ<=J 9DDGO=<f
jb 3@= <9L9 K@GOF 9:GN= 9J= AFALA9D N9DM=K 9L mh}Rf 6@=F
J=IMAJAF? nh}Rd KH=;A9D GJ<=J 9DDGO=<f
kb
c,9PAEME NGDL9?= J=>=JK LG L@= E9PAEME NGDL9?= O@A;@
J=D9Q ;GAD ;GMD< =F<MJ= AF 9 K@GJL H=JAG< G> LAE=f
3
a777b
B[UL
9L jk
{
4TPQ ZTQXINL
ij
jl
ijh
jhp
jjh
jlh
joo
jm P ai ih_b
ihh P ai ih_b
jmhh P ai ih_b
iihhh P ai ih_b
iklqh P ai ih_b
iklqh P ai ih_b
imhhh P ai ih_b
qfn
iqfj
qnfh
innfl
ion
iqj
jjh
jfl
lfp
jlfh
li
ll
lp
ml
-GEAF9D
5GDL9?=
5vx
xGAD
1=KAKL9F;=
/A;CeMH
5GDL9?=
5vx
E9Pf
yJGHeGML
5GDL9?=
5vx
EAFf
,9Pf
5GDL9?=
5yx
imfn
kifj
imn
johfl
jpn
jpn
knhfi
4TSXIJX RIXLVPIQ
B1 v?2F.j
=PQ1 v?x<.
=TXLW1 ib 6= J=;GEE=F< <MKL HJGL=;L=< LQH=K >GJ 9 ;D=9F =FNAJGFE=FL a>J== >JGE ;GFL9EAF9LAGFK DAC= }j2d 2.jd -.jd <MKLd =L;fbf
6= KM??=KL LG ;@GGK= HD9KLA; K=9D=< LQH=K 9F< N9DA<9L= AL AF J=9D 9HHDA;9LAGF >GJ 9F MF;D=9F =FNAJGFE=FL aOAL@ ;GFL9EAF9LAGFK
DAC= }j2d 2.jd -.jd <MKLd =L;fbf
c
c
jb xGFL9;L AK J=;GEE=F<=< >GJ KMAL9:D= ;GF<ALAGF 9F< KH=;A>A;9LAGFK A> O9L=J ;D=9FAF? GJ KMJ>9;= HJG;=KK AK AFNGDN=< AF 9KK=E:DAF? J=D9QK
GF /xwf
AULJPIQ JTKLkb
FFF1 xMKLGE=J KH=;A9D J=IMAJ=E=FL
=PQ1 2L9F<9J<
kb 3@= ;MKLGE=J KH=;A9D J=IMAJ=E=FL =PHJ=KK 9K KH=;A9D ;G<= 9>L=J =N9DM9LAF? :Q }GF?>9f


Similar Part No. - HF105F-5110DT1DXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-5 HONGFA-HF105F-5 Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-5 HONGFA-HF105F-5_15 Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105F-5110DT1DXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com