Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREWHT-L1-0000-003F5 Datasheet(PDF) 8 Page - Cree, Inc

Part # XREWHT-L1-0000-003F5
Description  XLamp XR-E and XR-C LED Binning and Labeling
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREWHT-L1-0000-003F5 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XREWHT-L1-0000-003F5 Datasheet HTML 3Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 4Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 5Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 6Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 7Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 8Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 9Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 10Page - Cree, Inc XREWHT-L1-0000-003F5 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and XLamp are registered trademarks of Cree, Inc.

CLD-AP2.002
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Standard Order Codes and Bins (XR-C Neutral and Warm White)
The following tables list standard kit numbers and performance bins. Kit numbers completely describe an order code’s
chromaticity regions and luminous flux range.
XLamp XR-C LED Standard Order Codes - White
Min Luminous Flux (lm) @
50 mA
Chromaticity Regions
Kit Number
Group
Flux (lm)
Neutral White (3700 K – 5000 K)
M3
45.7
3A, 3B, 3C, 3D
003E3
3C, 3D, 4A, 4B
003F4
4A, 4B, 4C, 4D
003E4
4C, 4D, 5A, 5B
003F5
5A, 5B, 5C, 5D
003E5
5C, 5D, 6A, 6B
003F6
N2
51.7
3A, 3B, 3C, 3D
004E3
3C, 3D, 4A, 4B
004F4
4A, 4B, 4C, 4D
004E4
4C, 4D, 5A, 5B
004F5
5A, 5B, 5C, 5D
004E5
5C, 5D, 6A, 6B
004F6
N3
56.8
3A, 3B, 3C, 3D
005E3
3C, 3D, 4A, 4B
005F4
4A, 4B, 4C, 4D
005E4
4C, 4D, 5A, 5B
005F5
5A, 5B, 5C, 5D
005E5
5C, 5D, 6A, 6B
005F6
Warm White (2600 K – 3700 K)
M2
39.8
6A, 6B, 6C, 6D
002E6
6C, 6D, 7A, 7B
002F7
7A, 7B, 7C, 7D
002E7
7C, 7D, 8A, 8B
002F8
8A, 8B, 8C, 8D
002E8
M3
45.7
6A, 6B, 6C, 6D
003E6
6C, 6D, 7A, 7B
003F7
7A, 7B, 7C, 7D
003E7
7C, 7D, 8A, 8B
003F8
8A, 8B, 8C, 8D
003E8
N2
51.7
6A, 6B, 6C, 6D
004E6
6C, 6D, 7A, 7B
004F7
7A, 7B, 7C, 7D
004E7
7C, 7D, 8A, 8B
004F8
8A, 8B, 8C, 8D
004E8
For other flux and chromaticity combinations, contact Cree or an authorized distributor.


Similar Part No. - XREWHT-L1-0000-003F5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREWHT-L1-0000-005E7 CREE-XREWHT-L1-0000-005E7 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREWHT-L1-0000-005E7 CREE-XREWHT-L1-0000-005E7 Datasheet
1Mb / 14P
   XLamp XR-E LED
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREWHT-L1-0000-006E4 CREE-XREWHT-L1-0000-006E4 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XREWHT-L1-0000-006E7 CREE-XREWHT-L1-0000-006E7 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
More results

Similar Description - XREWHT-L1-0000-003F5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Ledil, Inc.
FA10739 LEDIL-FA10739 Datasheet
2Mb / 4P
   ~32째 medium beam designed for CREE XR-E.
C10924 LEDIL-C10924 Datasheet
765Kb / 4P
   Oval beam for area lighting optimized for CREE XM-L and XR-E
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com