Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4550GRN-L100-0005 Datasheet(PDF) 2 Page - Cree, Inc

Part # XL4550GRN-L100-0005
Description  XLamp짰 4550 LEDs Binning and Labeling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XL4550GRN-L100-0005 Datasheet(HTML) 2 Page - Cree, Inc

  XL4550GRN-L100-0005 Datasheet HTML 1Page - Cree, Inc XL4550GRN-L100-0005 Datasheet HTML 2Page - Cree, Inc XL4550GRN-L100-0005 Datasheet HTML 3Page - Cree, Inc XL4550GRN-L100-0005 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance Groups – Brightness
XLamp LEDs that are tested for luminous flux are placed
into one of the following groups:
Group
Minimum Luminous
Flux (lm) @ 25mA
Maximum Luminous
Flux (lm) @ 25mA
A
2.9
3.7
B
3.7
4.8
C
4.8
6.3
D
6.3
8.2
E
8.2
10.7
F
10.7
13.9
G
13.9
18.1
H
18.1
23.5
J
23.5
30.6
K
30.6
39.8
Royal Blue XLamp LEDs are tested for radiant flux and are
placed into one of the following groups:
Group
Minimum Radiant Flux
(mW) @ 25mA
Maximum Radiant
Flux (mW) @ 25mA
03
50
60
04
60
70
05
70
85
Performance Groups – Dominant Wavelenght (DWL)
XLamp 4550 LEDs are tested for dominant wavelength and
placed into one of the following groups.
Color
Dominant
Wavelength
Group
Min. Dominant
Wavelength
(nm)
@ 25mA
Max. Dominant
Wavelength
(nm)
@ 25mA
Royal Blue
RB4
455
460
RB5
460
465
Blue
B3
465
470
B4
470
475
Green
G2
520
525
G3
525
530
G4
530
535
Amber
A2
585
590
A3
590
595
Red
R2
620
625
R3
625
630
R4
630
635
Standard Order Codes and Bins
The following tables list standard order code configurations and performance bins. Contact Cree Lighting at +1
919.313.5300 if custom order codes are required.
Standard Order Codes – Royal Blue
Order Code
Bins
DWL (nm)
Radiant Flux (mW)
Min.
Max.
Min.
Max.
XL4550ROY-L100-0001
ALL
455
465
ALL
Standard Bins – Royal Blue
XL4550ROY-Xxxx-RB4-05-001
XL4550ROY-Xxxx-RB5-05-001
XL4550ROY-Xxxx-RB4-04-001
XL4550ROY-Xxxx-RB5-04-001
XL4550ROY-Xxxx-RB4-03-001
XL4550ROY-Xxxx-RB5-03-001
Dominant Wavelength (nm)
85
70
60
50
455
460
465
Copyright © 2004-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
2
CLD-AP0.00
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp


Similar Part No. - XL4550GRN-L100-0005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501 XLSEMI-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4501E1 ETC2-XL4501E1 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501E1 XLSEMI-XL4501E1 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
More results

Similar Description - XL4550GRN-L100-0005

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Cree, Inc
MX3AWT-A1-0000-000B51 CREE-MX3AWT-A1-0000-000B51 Datasheet
1Mb / 17P
   XLamp짰 MX-3 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com