Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC0805L103M Datasheet(PDF) 1 Page - Bi technologies

Part # LC0805L103M
Description  Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

LC0805L103M Datasheet(HTML) 1 Page - Bi technologies

  LC0805L103M Datasheet HTML 1Page - Bi technologies LC0805L103M Datasheet HTML 2Page - Bi technologies LC0805L103M Datasheet HTML 3Page - Bi technologies LC0805L103M Datasheet HTML 4Page - Bi technologies LC0805L103M Datasheet HTML 5Page - Bi technologies LC0805L103M Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4
4-43
Model LC Series
LC and RC filters are offered by BI to solve issues of
unwanted noise. Each has cost/performance trade offs.
LC composite construction has superior performance
through the entire frequency range and has the sharpest
roll off compared with RCs.
NEW PRODUCT
MODEL LC SERIES
Low Pass Filter
Leadless Surface Mount
Chip Inductor/Capacitors
• Integrated ladder filter
• Small outline 0805 and 1206 sizes
• Low profile suitable for PCMCIA cards
• Nickel barrier terminations
• Monolithic construction
• Steep insertion loss
• Eliminates noise over a wide frequency range
• Requires no chip orientation
• Ideal for high frequency, space limited designs
FEATURES AND BENEFITS
• EMI/RFI filtering
• On-board controllers and ethernet
• Digital communications: facsimile machines, modems and ISDN
• Digital AV equipment: television, video camrecorders and DVD
• LAN, WAN, universal serial bus cards and graphics card
• Computers and peripherals
APPLICATIONS
Specifications subject to change without notice.
LOW PASS FILTER TECHNOLOGY
Thick film RC is the lowest cost and provides good
performance.
Thin film RC offers good performance (under 1GHz),
moderate cost and very good multi-element density.


Similar Part No. - LC0805L103M

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0801CDT4 LEIDITECH-LC0801CDT4 Datasheet
150Kb / 3P
   USB 2.0 power and data line
LC0801CW LEIDITECH-LC0801CW Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE
More results

Similar Description - LC0805L103M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
SCHOTT CORPORATION
32423 SCHOTT-32423 Datasheet
15Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32454 SCHOTT-32454 Datasheet
14Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32455 SCHOTT-32455 Datasheet
14Kb / 1P
   INDUCTOR , 4 mH POTS LOW PASS FILTER
32420 SCHOTT-32420 Datasheet
14Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32300 SCHOTT-32300 Datasheet
13Kb / 1P
   INDUCTOR 4 mH POTS LOW PASS FILTER
32457 SCHOTT-32457 Datasheet
13Kb / 1P
   INDUCTOR, 6 mH POTS LOW PASS FILTER
32458 SCHOTT-32458 Datasheet
25Kb / 1P
   INDUCTOR, 6 mH, POTS LOW PASS FILTER
31629 SCHOTT-31629 Datasheet
13Kb / 1P
   INDUCTOR, 4 mH POTS LOW PASS FILTER
32421 SCHOTT-32421 Datasheet
16Kb / 1P
   INDUCTOR 6 mH POTS LOW PASS FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com