Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A82-10
Description  Monitoring Relays AC Current Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A82-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A82-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers A82-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers A82-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice (25.01.06)
1
Monitoring Relays
AC Current Transformer
Types A 82-10, A 82-20
• 5 types of input: 0 - 25 AAC
0 - 50 AAC
0 - 100 AAC
0 - 250 AAC
0 - 500 AAC
• Output: A 82-10: 0 - 20 mADC (source)
A 82-20: 4 - 20 mADC (sink)
• Easy interface to PLC or setpoint relays
Product Description
AC current metering trans-
former for 25, 50, 100, 250 or
500 AAC. Output current from
the transformer is 0-20 mADC
or 4-20 mADC in accordance
with IEC 60381-1. Can be
Type
Output
Input current
used
with
relays
DIB01,
PIB01,
DIC01,
PIC01
or
S183 or directly connected
to a PLC. Power supply ON
is indicated by a green LED
on the side of the housing.
Ordering Key
Type Selection
Input current
Output current
Type no.
25 AAC
0 - 20 mA
A 82-10 25
50 AAC
0 - 20 mA
A 82-10 50
100 AAC
0 - 20 mA
A 82-10 100
250 AAC
0 - 20 mA
A 82-10 250
500 AAC
0 - 20 mA
A 82-10 500
25 AAC
4 - 20 mA
A 82-20 25
50 AAC
4 - 20 mA
A 82-20 50
100 AAC
4 - 20 mA
A 82-20 100
250 AAC
4 - 20 mA
A 82-20 250
500 AAC
4 - 20 mA
A 82-20 500
Input Specifications
A 82-10/20 25
A 82-10/20 50
A 82-10/20 100
A 82-10/20 250
A 82-10/20 500
Current range
0 - 25 AAC
0 - 50 AAC
0 - 100 AAC
0 - 250 AAC
0 - 500 AAC
Max. current (continuously)
30 AAC
60 AAC
120 AAC
300 AAC
600 AAC
Max. overload current (t = 30 s)
250 AAC
300 AAC
700 AAC
1500 AAC
3000 AAC
Rated insulation voltage
Input - output
1000 VAC rms
1000 VAC rms
1000 VAC rms
1000 VAC rms
1000 VAC rms
Overvoltage category
IV (IEC 60664)
IV (IEC 60664)
IV (IEC 60664)
IV (IEC 60664)
IV (IEC 60664)
Dielectric strength
Dielectric voltage
6 kVAC rms
6 kVAC rms
6 kVAC rms
6 kVAC rms
6 kVAC rms
Rated impulse withstand volt.
12 kV
12 kV
12 kV
12 kV
12 kV
(1.2/50 µs)
(1.2/50 µs)
(1.2/50 µs)
(1.2/50 µs)
(1.2/50 µs)
A 82-10 50


Similar Part No. - A82-10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A82-1 MACOM-A82-1 Datasheet
100Kb / 1P
   20 TO 250 MHz CASCADABLE AMPLIFIER
A82-1 MACOM-A82-1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
logo
M/A-COM Technology Solu...
A82-1 MA-COM-A82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 20 to 250 MHz
A82-1-SMA82-1 MA-COM-A82-1-SMA82-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Tyco Electronics
A82-1 MACOM-A82-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 250 MHz
More results

Similar Description - A82-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E82-2050 ETC2-E82-2050 Datasheet
55Kb / 2P
   Monitoring Relays AC Current Transformer
DIA01C7245A ETC2-DIA01C7245A Datasheet
106Kb / 3P
   Monitoring Relays 1-Phase AC/DC Over Current
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
   Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
   Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
   Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com