Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4550ROY-XXXX-RB4-04-001 Datasheet(PDF) 1 Page - Cree, Inc

Part # XL4550ROY-XXXX-RB4-04-001
Description  XLamp짰 4550 LEDs Binning and Labeling
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XL4550ROY-XXXX-RB4-04-001 Datasheet(HTML) 1 Page - Cree, Inc

  XL4550ROY-XXXX-RB4-04-001 Datasheet HTML 1Page - Cree, Inc XL4550ROY-XXXX-RB4-04-001 Datasheet HTML 2Page - Cree, Inc XL4550ROY-XXXX-RB4-04-001 Datasheet HTML 3Page - Cree, Inc XL4550ROY-XXXX-RB4-04-001 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cree® XLamp® 4550 LEDs
Binning and Labeling
Cree XLamp 4550 LEDs combine the brightness of power LED chips with a rugged package
capable of operating in excess of half of a watt. XLamp LEDs lead the solid-state lighting
industry in brightness while providing a reflow solderable design that is optimized for
ease-of-use and thermal management. Lighting applications featuring XLamp LEDs
maximize light output and increase design flexibility, while minimizing environmental
impact.
This application note describes Cree’s procedures for sorting XLamp 4550 LEDs by color (dominant wavelength) and
brightness (luminous or radiant flux) and then lists the order codes encompassing these color and brightness groups
for easy reference.
Nomenclature
XLamp LEDs are tested and sorted into performance bins. A bin is specified by ranges of dominant wavelength and
brightness. Sorted XLamp LEDs are packaged on reels. A reel contains lamps from one bin and is labeled with its bin
code. For more information on packaging see the XLamp 4550 Data Sheet.
XLamp LEDs are sold by order codes in combinations of bins called kits. Kits include a minimum of two dominant
wavelength groups and two brightness groups. Order codes are configured in the following manner:
Family
Color
Spatial Pattern
Viewing Angle
(degrees)
Kit #
Combination of
bins
XL4550
ROY
L – Lambertian
100
0001-9999
BLU
GRN
AMB
RED
XLamp LED order codes specify package family, color, optical configuration (spatial pattern and viewing angle) and
kit number (combination of bins).
Kit number 0001 is always the order code encompassing the broadest range of color and brightness groups.

Subject to change without notice.
www.cree.com/xlamp


Similar Part No. - XL4550ROY-XXXX-RB4-04-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL4501 ETC2-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501 XLSEMI-XL4501 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
List of Unclassifed Man...
XL4501E1 ETC2-XL4501E1 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
logo
XLSEMI
XL4501E1 XLSEMI-XL4501E1 Datasheet
396Kb / 16P
   5A 150KHz 36V Buck DC/DC Converter With Constant Current Loop
More results

Similar Description - XL4550ROY-XXXX-RB4-04-001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Cree, Inc
MX3AWT-A1-0000-000B51 CREE-MX3AWT-A1-0000-000B51 Datasheet
1Mb / 17P
   XLamp짰 MX-3 LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com