Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREWHT-L1-0000-00901 Datasheet(PDF) 8 Page - Cree, Inc

Part # XREWHT-L1-0000-00901
Description  XLamp짰 XR-E LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREWHT-L1-0000-00901 Datasheet(HTML) 8 Page - Cree, Inc

Back Button XREWHT-L1-0000-00901 Datasheet HTML 4Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 5Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 6Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 7Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 8Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 9Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 10Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 11Page - Cree, Inc XREWHT-L1-0000-00901 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
8
CLD-DS05.006
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Reflow Soldering Characteristics
The following reflow soldering profiles are provided for reference. Cree recommends that users follow the recommended
soldering profile provided by the manufacturer of the solder paste used. Cree XLamp LEDs are compatible with JEDEC
J-STD-020C.
Profile Feature
Lead-Based Solder
Lead-Free Solder
Average Ramp-Up Rate (Ts
max to Tp)
3°C/second max.
3°C/second max.
Preheat: Temperature Min (Ts
min)
100°C
150°C
Preheat: Temperature Max (Ts
max)
150°C
200°C
Preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183°C
217°C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (Tp)
215°C
260°C
Time Within 5°C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6°C/second max.
6°C/second max
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - XREWHT-L1-0000-00901

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
More results

Similar Description - XREWHT-L1-0000-00901

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
MC-E CREE-MC-E Datasheet
1Mb / 13P
   Cree짰 XLamp짰 MC-E LED
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com