Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR7090AM-L1-0001 Datasheet(PDF) 5 Page - Cree, Inc

Part # XR7090AM-L1-0001
Description  XLamp짰 XR LED Binning and Labeling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XR7090AM-L1-0001 Datasheet(HTML) 5 Page - Cree, Inc

  XR7090AM-L1-0001 Datasheet HTML 1Page - Cree, Inc XR7090AM-L1-0001 Datasheet HTML 2Page - Cree, Inc XR7090AM-L1-0001 Datasheet HTML 3Page - Cree, Inc XR7090AM-L1-0001 Datasheet HTML 4Page - Cree, Inc XR7090AM-L1-0001 Datasheet HTML 5Page - Cree, Inc XR7090AM-L1-0001 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
5
CLD-AP07.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Standard Order Codes and Bins
The following tables list standard order code configurations and performance bins. Contact Cree at +1 919.313.5300 if
custom order codes are required.
Standard Order Codes – Royal Blue
Order Code
Bins
DWL (nm)
Radiant Flux (mW)
Color
Flux
Min.
Max.
Min.
Max.
XR7090RY-L1-0001
D4, D5
10, 11, 12, 13
455
465
175
350
Standard Order Codes – Blue
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Color
Flux
Min.
Max.
Min.
Max.
XR7090BL-L1-0001
B3, B4
F, G, H, J
465
475
10.7
30.6
Standard Order Codes – Cyan
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Color
Flux
Min.
Max.
Min.
Max.
XR7090CN-L1-0001
C2, C3
K, M
500
510
30.6
51.7
Standard Order Codes – Green
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Color
Flux
Min.
Max.
Min.
Max.
XR7090GR-L1-0001
G2, G3, G4
K, M, N
520
535
30.6
67.2
Standard Order Codes – Amber
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Color
Flux
Voltage
Min.
Max.
Min.
Max.
XR7090AM-L1-0001
A2, A3
J, K, M, N
C, D, E, F
585
595
23.5
67.2
Standard Order Codes – Red-Orange
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Color
Flux
Min.
Max.
Min.
Max.
XR7090RO-L1-0001
D3, D4
K, M, N
610
620
30.6
67.2
Standard Order Codes – Red
Order Code
Bins
DWL (nm)
Luminous Flux (lm)
Color
Flux
Voltage
Min.
Max.
Min.
Max.
XR7090RD-L1-0001
R2, R3, R4
H, J, K, M
C, D, E, F
620
635
18.1
51.7


Similar Part No. - XR7090AM-L1-0001

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EH-F EXAR-XR71211EH-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EHF EXAR-XR71211EHF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR71211EHMTR-F EXAR-XR71211EHMTR-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211EHTR-F EXAR-XR71211EHTR-F Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
More results

Similar Description - XR7090AM-L1-0001

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
logo
Seoul Semiconductor
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX5X0X SEOUL-SAWX5X0X Datasheet
333Kb / 15P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com