Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREWHT-L1-0000-00801 Datasheet(PDF) 2 Page - Cree, Inc

Part # XREWHT-L1-0000-00801
Description  XLamp짰 XR-E LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREWHT-L1-0000-00801 Datasheet(HTML) 2 Page - Cree, Inc

  XREWHT-L1-0000-00801 Datasheet HTML 1Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 2Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 3Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 4Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 5Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 6Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 7Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 8Page - Cree, Inc XREWHT-L1-0000-00801 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2006-2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo and XLamp are registered trademarks of Cree, Inc.
2
CLD-DS05.006
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Flux Characteristics (T
J = 25°C)
The following tables describe the available colors and flux for XR-E LEDs by listing the correlated color temperature or
dominant wavelength range for the entire family and by providing several base order codes. It is important to note that
the base order codes listed here are a subset of the total available order codes for the product family. For more order
codes, as well as a complete description of the order-code nomenclature, please consult the XR-E & XR-C Binning and
Labeling document.
Color
CCT Range
Base Order Codes
Min Luminous Flux
(lm)
Order Code
Min.
Max.
Group
Flux (lm)
Cool White
5,000 K
10,000 K
N4
62.0
XREWHT-L1-0000-00601
P2
67.2
XREWHT-L1-0000-00701
P3
73.9
XREWHT-L1-0000-00801
P4
80.6
XREWHT-L1-0000-00901
Q2
87.4
XREWHT-L1-0000-00A01
Q3
93.9
XREWHT-L1-0000-00B01
Q4
100
XREWHT-L1-0000-00C01
Neutral
White
3,700 K
5,000 K
N4
62.0
XREWHT-L1-0000-006E4
P2
67.2
XREWHT-L1-0000-007E4
P3
73.9
XREWHT-L1-0000-008E4
Warm
White
2,600 K
3,700 K
N3
56.8
XREWHT-L1-0000-005E7
N4
62.0
XREWHT-L1-0000-006E7
Color
Dominant Wavelength Range
Base Order
Codes Min
Luminous Flux
(lm)
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(lm)
Blue
B3
465
B6
485
H0
18.1
XREBLU-L1-0000-00H01
J0
23.5
XREBLU-L1-0000-00J01
Color
Dominant Wavelength Range
Base Order Codes
Min Radiant Flux
(mW)
Order Code
Min.
Max.
Group
DWL
(nm)
Group
DWL
(nm)
Group
Flux
(mW)
Royal
Blue
D3
450
D5
465
12
250
XREROY-L1-0000-00701
13
300
XREROY-L1-0000-00801
Notes:
Cree maintains a tolerance of +/- 7% on flux and power measurements.
Typical CRI for Cool White & Neutral White (3,700 K – 10,000 K CCT) is 75.
Typical CRI for Warm White (2,600 K – 3,700 K CCT) is 80.


Similar Part No. - XREWHT-L1-0000-00801

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREWHT-L1-0000-00801 CREE-XREWHT-L1-0000-00801 Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
More results

Similar Description - XREWHT-L1-0000-00801

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
XREWHT-L1-0000-00901 CREE-XREWHT-L1-0000-00901 Datasheet
1Mb / 14P
   XLamp XR-E LED
MC-E CREE-MC-E Datasheet
1Mb / 13P
   Cree짰 XLamp짰 MC-E LED
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com