Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF140FF/005-2HSWFXXX Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF140FF/005-2HSWFXXX
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF140FF/005-2HSWFXXX Datasheet(HTML) 2 Page - Hongfa Technology

  HF140FF/005-2HSWFXXX Datasheet HTML 1Page - Hongfa Technology HF140FF/005-2HSWFXXX Datasheet HTML 2Page - Hongfa Technology HF140FF/005-2HSWFXXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
868
D AXRK /846hh0
AYC
VX39 78;XDF
75:KR 8:6XDF
76D 8;6XDF
76D 96XGF
75>KR 786XDF
76D 8;6XDF
76D 96XGF
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
76D 8;6XDF
76D 96XGF
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
95:KR 8;6XDF \o :6
76D 8;6XDF
76D 96XGF
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
95:KR 8;6XDF \o :6
78D 8==XDF58;6XDF T`ndnodq` \o =6
759KR 78;XDF \o :6
95:KR 8;6XDF \o :6
VX39 78;XDF
76D 8;6XDF
76D 8;6XDF
76D 96XGF
78D 8;6XDF
76D 8;6XDF
78D 8;6XDF
<QUKT070 Yc`i m`lpdm` kd^f3pk qjgo\b` B =;- ja ijhdi\g qjgo\b`2
nk`^d\g jm_`m \ggjr`_4
3=9: 41A1
\o 89
;
<
?
78
8:
:>
94=;
:4;6
<4=;
?466
7>46
9<46
64;
64<
64?
748
84:
:4>
;4;
<4<
?4?
7948
8<4:
;84>
7> s/7 76-0
8< s/7 76-0
;> s/7 76-0
768 s/7 76-0
:76 s/7 76-0
7<;6 s/7 76-0
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Dggjr\]g`
Xjgo\b`
XGF
@165AF 1>>?=C1: ?1A9<7@
B:*3B:
Uo\i_\m_
Y otk`
8 Ijmh D
8 Ijmh D
8 Ijmh D
8 Ijmh D
8 Ijmh F
DbF_Q
DbPd
8 Ijmh F
8 Ijmh D
DbUiQ8
DbUiQ8
DbF_Q
DbF_Q
DbPd
DbUiQ8
8 Ijmh D
8 Ijmh F
D AXRK /74;hh0
;
<
?
78
7>
8:
:>
94=;
:4;6
<4=;
?466
794;
7>46
9<46
64;
64<
64?
748
74>
84:
:4>
;4;
<4<
?4?
7948
7?4>
8<4:
;84>
97 s/7 76-0
:; s/7 76-0
767 s/7 76-0
7>6 s/7 76-0
:6; s/7 76-0
=86 s/7 76-0
8>>6 s/7 76-0
9
848;
649
949
7749 s/7 76-0
<6
:;46
<46
<<46
:;66 s/7 76-0
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Dggjr\]g`
Xjgo\b`
XGF
80 1Vc` h\s4 \ggjr\]g` qjgo\b` di oc` FQLN GDVD dn ^jdg
jq`m_mdq` qjgo\b`2 do dn oc` dino\io\i`jpn h\s4 qjgo\b`
rcd^c oc` m`g\t ^jdg ^jpg_ `i_pm` di \ q`mt ncjmo odh`4
1
<QUKT0 70 Dgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`4
80Qigt otkd^\g gj\_n \m` gdno`_ \]jq`4 Qoc`m gj\_ nk`^dad^\odjin ^\i ]` \q\dg\]g` pkji m`lp`no4
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
JQX-13F MINIATURE INTERMEDIATE POWER RELAY 1  2  3  List of Unclassifed Manufacturers
HF18FF MINIATURE INTERMEDIATE POWER RELAY 1  2  3  Hongfa Technology
HF92F MINIATURE INTERMEDIATE POWER RELAY 1  2  3  Hongfa Technology
HF68F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF118F012-2H MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF102F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF105F-1 MINIATURE HIGH POWER RELAY 1  2  3  4  5  More Hongfa Technology
HF32FA-T SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY 1  2  3  Hongfa Technology
HF10FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF105F-2 MINIATURE HIGH POWER RELAY 1  2  3  4  Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn