Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIL-T-27E Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part No. MIL-T-27E
Description  high reliability audio transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

MIL-T-27E Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  MIL-T-27E Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Audio Transformer MIL-T-27E
High Reliability : “Red Spec” Series
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: June 19, 2006
SP- 29
Description:
Triad’s high reliability audio transformers provide the durability and precision required
in today’s demanding designs. These transformers are available for a wide variety of
applications.
Electrical Specifications (@25C)
Matching Impedance
DC Resistance (Ω)
Power
level
(mW)
Primary
Secondary
Max. Ma DC
Unbalance
in Primary
Primary Secondary
Overall
Turns
Ratio
50
10,000 CT
500 CT
1.0
1,050.0
80
4.47:1.0
.200
.100
.750
MIN.
.020
.465
MAX.
.310
MAX.
.410
MAX.
12 3
TF5S21ZZ
TRIAD
45 6
.200
.300
PRI
C.T.
SEC
C.T.
50 MW
TAB, AT PIN #1
10K
1 MADC
SP-29
500
MAGNETICS
Frequency Response:
+ 2.0 DB, at 300 Hz to 100K Hz
Pri-Sec Hipot test (Pri-Sec): 1,000 VRMS for 1 sec.
Working voltage:
150VDC
Construction:
Plug-in terminals are precision spaced to provide fixed mounting centers.
Epoxy molded case includes a .020” recess for ease of solder inspection.
Leads are made of high strength Nickel alloy, gold plated and are
.020” in diameter.
1
2
3
4
5
6
CT
CT
50 MW
PRI Z
SEC Z
10K OHM
500 OHM
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”. Specifications are subjected to
change without notice. Please contact Triad Magnetics’ website for the most current version.


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LME49740 Quad High Performance High Fidelity Audio Operational Amplifier Coming Soon National Semiconductor (TI)
ART28XXT 28V Input Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER 1  2  3  4  5  More International Rectifier
2SC5027 HIGH VOLTAGE AND HIGH RELIABILITY 1  2  3  4  Unisonic Technologies
AD1987 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices
AFL120XXS HIGH RELIABILITY HYBRID DC/DC CONVERTERS 1  2  3  4  5  More International Rectifier
MKP1V120_06 Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1  2  3  4  5  ON Semiconductor
2SC5027E HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR 1  2  3  4  Unisonic Technologies
AD1984 High Definition Audio SoundMAX Codec 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn