Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB30-100MSMD Datasheet(PDF) 1 Page - Seme LAB

Part # SB30-100MSMD
Description  DUAL SCHOTTKY BARRIER DIODE IN FOR HI-REL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB30-100MSMD Datasheet(HTML) 1 Page - Seme LAB

  SB30-100MSMD Datasheet HTML 1Page - Seme LAB SB30-100MSMD Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB30-100MSMD
SB30-100ASMD
SB30-100RSMD
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 2752
Issue 4
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
3 . 6 0 ( 0 . 1 4 2 )
M a x .
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
3 . 7 0 ( 0 . 1 4 6 )
3 . 4 1 ( 0 . 1 3 4 )
0 . 8 9
( 0 . 0 3 5 )
m i n .
9 . 6 7 ( 0 . 3 8 1 )
9 . 3 8 ( 0 . 3 6 9 )
1 1 . 5 8 ( 0 . 4 5 6 )
1 1 . 2 8 ( 0 . 4 4 4 )
0 . 5 0 ( 0 . 0 2 0 )
0 . 2 6 ( 0 . 0 1 0 )
1
3
2
MECHANICAL DATA
Dimensions in mm
DUAL SCHOTTKY
BARRIER DIODE IN FOR
HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC PACKAGE
• ISOLATED CASE
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 30A
•LOW VF
SMD1 Package (TO-276AB)
VRRM
Peak Repetitive Reverse Voltage (Per Leg)
VRSM
Peak Non-Repetitive Reverse Voltage (Per Leg)
VR
Continuous Reverse Voltage (Per Leg)
IF(AV)
Maximum Average Forward Current
IFSM*
Peak Non-Repetitive Surge Current (per leg)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
* tp = 8.3ms half-sine
100V
100V
100V
30A
100A
-55°C to 150°C
150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Common Cathode
Common Anode
Series Connection
SB30-100M
SB30-100A
SB30-100R
1
3
2
1
3
2
1
3
2
1 = A1 Anode 1
2 = K Cathode
3 = A2 Anode 2
1 = K1 Cathode 1
2 = A Anode
3 = K2 Cathode 2
1 = K1 Cathode 1
2 = Centre Tap
3 = A2 Anode


Similar Part No. - SB30-100MSMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
More results

Similar Description - SB30-100MSMD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-100SMD SEME-LAB-SB16-100SMD Datasheet
19Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS
SBR1645-T254 SEME-LAB-SBR1645-T254 Datasheet
13Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO254 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
SB60-600 SEME-LAB-SB60-600 Datasheet
9Kb / 1P
   DUAL SCHOTTKY BARRIER RECTIFIER IN A TO-258 HERMETICALLY SEALED PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M_03 Datasheet
22Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com