Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA7056A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA7056A
Description  3 W BTL mono audio output amplifier with DC volume control
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA7056A Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
July 1994
3
Philips Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
Fig.1 Block diagram.
handbook, full pagewidth
positive input
7
MGA072 - 1
2
3
TDA7056A
VP
5
6
I + i
8
I – i
TEMPERATURE
PROTECTION
4
signal
ground
DC volume control
1
n.c.
positive output
negative output
power
ground
V
ref
STABILIZER
9
n.c.
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
VP
2
positive supply voltage
VI
3
voltage input
GND1
4
signal ground
VC
5
DC volume control
OUT
+
6
positive output
GND2
7
power ground
OUT
8
negative output
n.c.
9
not connected
Fig.2 Pin configuration.
handbook, halfpage
MGA071
1
2
3
4
5
6
7
8
9
I
V
TDA7056A
n.c.
VP
OUT
GND2
OUT
+
GND1
VC
n.c.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn