Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA7056A Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA7056A
Description  3 W BTL mono audio output amplifier with DC volume control
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA7056A Datasheet(HTML) 6 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
July 1994
6
Philips Semiconductors
Product specificiation
3 W BTL mono audio output amplifier with
DC volume control
TDA7056A
Fig.3 Gain as a function of DC volume control.
handbook, halfpage
MGA075
40
– 80
20
– 20
– 40
0
0
1.2
2.0
0.4
1.6
0.8
V
(V)
5
gain
(dB)
– 60
Fig.4 Noise output voltage as a function of DC
volume control.
handbook, halfpage
1000
0
800
400
200
600
0
1.2
2.0
MGA076 - 1
0.4
1.6
0.8
V (V)
5
V
noise
(
µV)
Fig.5 Control current as a function of DC volume
control.
handbook, halfpage
0
1.2
2.0
100
– 20
MGA077 - 1
60
20
– 60
– 100
0.4
1.6
0.8
V (V)
5
I5
(
µA)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn