Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7053A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA7053A
Description  Stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA7053A Datasheet HTML 6Page - NXP Semiconductors TDA7053A Datasheet HTML 7Page - NXP Semiconductors TDA7053A Datasheet HTML 8Page - NXP Semiconductors TDA7053A Datasheet HTML 9Page - NXP Semiconductors TDA7053A Datasheet HTML 10Page - NXP Semiconductors TDA7053A Datasheet HTML 11Page - NXP Semiconductors TDA7053A Datasheet HTML 12Page - NXP Semiconductors TDA7053A Datasheet HTML 13Page - NXP Semiconductors TDA7053A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1997 Jul 15
10
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
Fig.13 Test and application diagram.
(1) This capacitor can be omitted if the 220
µF electrolytic capacitor is connected close to pin 5.
(2) RL =8 Ω.
handbook, full pagewidth
MBG673
16
13
TEMPERATURE
MCL
PROTECTION
STABILIZER
12
9
10
14
7
220
µF
100 nF
5
(1)
(2)
(2)
VP = 6 V
VP = 6 V
6
8
Rs = 5 kΩ
1 M
1
µF
Rs = 5 kΩ
DC-
volume
signal
ground
volume
control
volume
control
power
ground
470 nF
470 nF
input 1
input 2
TDA7053A
4
2
I
− i
I
+ i
+
+
I
+ i
I
− i
maximum voltage
gain 34 dB
2, 8
22 k
56 k
1
µF
maximum voltage
gain 40 dB
2, 8


Similar Part No. - TDA7053A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-D16-T UTC-TDA7053A-D16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-R UTC-TDA7053A-S16-R Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-T UTC-TDA7053A-S16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053AG-D16-T UTC-TDA7053AG-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7053A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com