Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM6-PPG1-3B-N1 Datasheet(PDF) 4 Page - Cree, Inc

Part # LM6-PPG1-3B-N1
Description  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LM6-PPG1-3B-N1 Datasheet(HTML) 4 Page - Cree, Inc

  LM6-PPG1-3B-N1 Datasheet HTML 1Page - Cree, Inc LM6-PPG1-3B-N1 Datasheet HTML 2Page - Cree, Inc LM6-PPG1-3B-N1 Datasheet HTML 3Page - Cree, Inc LM6-PPG1-3B-N1 Datasheet HTML 4Page - Cree, Inc LM6-PPG1-3B-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT78.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LM6-PPG1-3B-N1
Rev. No.
01
Applications:
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Indoor and outdoor displays
- Backlighting
- Coupling into light guides
- RGB Full Color Displays
Absolute Maximum Ratings at Ta = 25
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current*1
IF
3X40
mA
Peak Forward Current*2
IFP
3X100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
3X160
mW
Operation Temperature
Topr
-40~+100
°C
Storage Temperature
Tstg
-40~+100
°C
Junction Temperature
Tj
+110
°C
Junction/ambient 1 chips on
*3
Rth JA
400
°C/W
Junction/ambient 3 chips on
*3
Rth JA
580
°C/W
Junction/solder point 1 chips on
Rth JS
280
°C/W
Junction/solder point 3 chips on
Rth JS
430
°C/W
*pulse width <=0.1msec duty <=1/10
*3 Rth test condition: Mounted on PC Board FR 4(pad size>=16mm2)
Typical Electrical & Optical Characteristics(Ta = 25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Dominant wavelength
dom
IF=3X20mA
520
527
540
nm
Viewing angle at 50%
2
½
IF=3X20mA
---
120
---
Deg.
Forward voltage
VF
IF=3X20mA
--
3.4
4.0
V
Luminous Intensity
Iv
IF=3 X 20mA
1120
1600
--
mcd
Reverse current
IR
VR=5V
---
---
10
A


Similar Part No. - LM6-PPG1-3B-N1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM6-PPG1-03-N1 CREE-LM6-PPG1-03-N1 Datasheet
308Kb / 5P
   SMD LED
More results

Similar Description - LM6-PPG1-3B-N1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com