Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7052BT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA7052BT
Description  Mono BTL audio amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052BT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA7052BT Datasheet HTML 3Page - NXP Semiconductors TDA7052BT Datasheet HTML 4Page - NXP Semiconductors TDA7052BT Datasheet HTML 5Page - NXP Semiconductors TDA7052BT Datasheet HTML 6Page - NXP Semiconductors TDA7052BT Datasheet HTML 7Page - NXP Semiconductors TDA7052BT Datasheet HTML 8Page - NXP Semiconductors TDA7052BT Datasheet HTML 9Page - NXP Semiconductors TDA7052BT Datasheet HTML 10Page - NXP Semiconductors TDA7052BT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Aug 15
7
Philips Semiconductors
Product specification
Mono BTL audio amplifier with DC volume
control
TDA7052B
Fig.7
Total harmonic distortion versus output
power.
(1) VP = 5 V; RL =8 Ω.
(2) VP = 6 V; RL =8 Ω.
(3) VP =12V;RL =25 Ω.
handbook, halfpage
10
6
4
2
0
MBH368
10−1
1
PO (W)
THD
(%)
10
8
(1)
(2)
(3)
Fig.8 Total harmonic distortion versus frequency.
PO = 0.1 W.
(1) Gv(max) =40dB.
(2) Gv(max) =30dB.
handbook, halfpage
0
MBH369
10
2
4
6
8
10−2
102
10−1
110
f (kHz)
THD
(%)
(1)
(2)
Fig.9 Output power versus supply voltage.
Measured at a THD of 10%. The maximum output power is limited by
the maximum power dissipation and the maximum available output
current.
(1) RL =8 Ω.
(2) RL =16 Ω.
(3) RL =25 Ω.
handbook, halfpage
020
2.5
0
0.5
MBH370
1.0
1.5
2.0
4
PO
(W)
812
16
VP (V)
(1)
(2)
(3)
Fig.10 Total worst case power dissipation versus
supply voltage.
(1) RL =8 Ω.
(2) RL =16 Ω.
(3) RL =25 Ω.
handbook, halfpage
020
2.5
0
0.5
MBH371
1.0
1.5
2.0
4
Pd
(W)
812
16
VP (V)
(1)
(2)
(3)


Similar Part No. - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com