Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA7052A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA7052A
Description  1 W BTL mono audio amplifier with DC volume control
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

TDA7052A Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 1994
3
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
handbook, full pagewidth
positive input
6
MCD385 - 1
1
2
TDA7052A
TDA7052AT
VP
4
5
I + i
8
I – i
TEMPERATURE
PROTECTION
3
signal
ground
DC volume
control
7
n.c.
positive output
negative output
power
ground
V
ref
STABILIZER
Fig.1 Block diagram.
PINNING
SYMBOL
PIN
DESCRIPTION
VP
1
positive supply voltage
IN+
2
positive input
GND1
3
signal ground
VC
4
DC volume control
OUT+
5
positive output
GND2
6
power ground
n.c
7
not connected
OUT
8
negative output
handbook, halfpage
1
2
3
4
8
7
6
5
MCD384
VP
OUT –
GND2
OUT +
GND1
IN +
VC
n.c.
TDA7052A
TDA7052AT
Fig.2 Pin configuration.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn