Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA7052A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA7052A
Description  1 W BTL mono audio amplifier with DC volume control
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7052A Datasheet HTML 1Page - NXP Semiconductors TDA7052A Datasheet HTML 2Page - NXP Semiconductors TDA7052A Datasheet HTML 3Page - NXP Semiconductors TDA7052A Datasheet HTML 4Page - NXP Semiconductors TDA7052A Datasheet HTML 5Page - NXP Semiconductors TDA7052A Datasheet HTML 6Page - NXP Semiconductors TDA7052A Datasheet HTML 7Page - NXP Semiconductors TDA7052A Datasheet HTML 8Page - NXP Semiconductors TDA7052A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
July 1994
4
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
FUNCTIONAL DESCRIPTION
The TDA7052A/AT are mono BTL output amplifiers with
DC volume control, designed for use in TV and monitors
but also suitable for battery fed portable recorders and
radios.
In conventional DC volume circuits the control or input
stage is AC coupled to the output stage via external
capacitors to keep the offset voltage low.
In the TDA7052A/AT the DC volume control stage is
integrated into the input stage so that no coupling
capacitors are required and yet a low offset voltage is
maintained. At the same time the minimum supply remains
low.
The BTL principle offers the following advantages:
• Lower peak value of the supply current
• The frequency of the ripple on the supply voltage is twice
the signal frequency.
Thus a reduced power supply with smaller capacitors can
be used which results in cost savings.
For portable applications there is a trend to decrease the
supply voltage, resulting in a reduction of output power at
conventional output stages. Using the BTL principle
increases the output power.
The maximum gain of the amplifier is fixed at 35.5 dB. The
DC volume control stage has a logarithmic control
characteristic.
The total gain can be controlled from 35.5 dB to
−44 dB. If
the DC volume control voltage is below 0.3 V, the device
switches to the mute mode.
The amplifier is short-circuit proof to ground, VP and
across the load. Also a thermal protection circuit is
implemented. If the crystal temperature rises above
+150
°C the gain will be reduced, so the output power is
reduced.
Special attention is given to switch on and off clicks, low
HF radiation and a good overall stability.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage range
18
V
IORM
repetitive peak output current
1.25
A
IOSM
non-repetitive peak output current
1.5
A
Ptot
total power dissipation
Tamb ≤ 25%
TDA7052A
1.25
W
TDA7052AT
0.8
W
Tamb
operating ambient temperature range
−40
+85
°C
Tstg
storage temperature range
−55
+150
°C
Tvj
virtual junction temperature
+150
°C
Tsc
short-circuit time
1hr
V2
input voltage pin 2
8V
V4
input voltage pin 4
8V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn