Electronic Components Datasheet Search |
|
LD-300CPG2-C5 Datasheet(PDF) 1 Page - Cree, Inc |
|
LD-300CPG2-C5 Datasheet(HTML) 1 Page - Cree, Inc |
1 / 5 page Subject to change without notice. www.cree.com/ledlamps Cree® Mini-Dorado LED Model # LD-300CPG2-C5 Data Sheet 3 x 3 mm, QFN-type, high-power, green LED with water-clear-compound encapsulated Applications High-luminous-flux output for illumination Exposed-pad design for excellent heat transfer Designed for high-current operation Reflow soldering applicable Absolute Maximum Ratings (T A = 25°C) Items Symbol Absolute Maximum Rating Unit Forward Current I F 100 mA Peak Forward Current Note 1 I FP 150 mA Reverse Voltage V R 5 V Power Dissipation P D 0.48 W Operation Temperature T opr -40 ~ +85 °C Storage Temperature T stg -40 ~ +85 °C Junction Temperature T J 110 °C Junction-to-Ambient Note 2 θ JA 135 °C/W Junction-to-Case Note 2 θ JC 70 °C/W Notes: Pulse width ≤0.1 msec, duty ≤1/10. Rth test condition: mounted on 1.7 mm, Al-based PCB in size of 12 x 12 mm Typical Electrical & Optical Characteristics at T A = 25°C (on metal core PCV) Note Characteristics Symbol Condition Unit Minimum Typical Maximum Forward Voltage V F I F = 100 mA V 4.0 4.8 Reverse Current I R V R = 5 V μA 10 Dominant Wavelength λ D I F = 100 mA nm 510 525 535 Luminous Flux lumen I F = 100 mA lm 3 5 50% Power Angle 2θ½H-H I F = 100 mA °C 125 2θ½V-V I F = 100 mA °C 115 Note: A metal core PCB has an effective heat-transmission substrate (thickness of 1.7 mm, Al-based PCB in 12 x 12 mm, θ JC <50°C/W should suffice). • • • • 1. 2. |
Similar Part No. - LD-300CPG2-C5 |
|
Similar Description - LD-300CPG2-C5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |