Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC503TWR1-50Q-A1 Datasheet(PDF) 5 Page - Cree, Inc

Part # LC503TWR1-50Q-A1
Description  5-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503TWR1-50Q-A1 Datasheet(HTML) 5 Page - Cree, Inc

  LC503TWR1-50Q-A1 Datasheet HTML 1Page - Cree, Inc LC503TWR1-50Q-A1 Datasheet HTML 2Page - Cree, Inc LC503TWR1-50Q-A1 Datasheet HTML 3Page - Cree, Inc LC503TWR1-50Q-A1 Datasheet HTML 4Page - Cree, Inc LC503TWR1-50Q-A1 Datasheet HTML 5Page - Cree, Inc LC503TWR1-50Q-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT079.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LC503TWR1-50Q-A1
Rev. No.
03
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Advertising Signs
- Indicators
- LCD Back Light
- Illuminations
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
25
mA
Peak Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operation Temperature
Topr
-40 ~ +95
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*pulse width <=0.1msec duty <=1/10
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
---
3.4
4.0
V
Forward Voltage
VF
IF = 1.0
1.7
---
2.5
V
Reverse Current
IR
VR = 5V
---
---
100
A
Luminous Intensity
IV
IF = 20mA
1100
2200
---
mcd
x
IF = 20mA
---
0.426
---
---
Chromaticity
Coordinates
y
IF = 20mA
---
0.407
---
---
Color Temperature
CCT
IF = 20mA
---
3000
---
K
50% Power Angle
2
½H-H
IF = 20mA
---
50
---
deg


Similar Part No. - LC503TWR1-50Q-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TWR1-50P-A1 CREE-LC503TWR1-50P-A1 Datasheet
357Kb / 6P
   5-mm Round LED
More results

Similar Description - LC503TWR1-50Q-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com