Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF118F012-2H Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF118F012-2H
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF118F012-2H Datasheet(HTML) 3 Page - Hongfa Technology

  HF118F012-2H Datasheet HTML 1Page - Hongfa Technology HF118F012-2H Datasheet HTML 2Page - Hongfa Technology HF118F012-2H Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
t>H8A6>B:G
/=>H 96I6H=::I >H ;DG I=: 8JHIDB:GHT G:;:G:C8:bqAA I=: HE:8>;>86I>DCH 6G: HJ7?:8I ID 8=6C<: L>I=DJI CDI>8:b
2: 8DJA9 CDI :K6AJ6I: 6AA I=: E:G;DGB6C8: 6C9 6AA I=: E6G6B:I:GH ;DG :K:GN EDHH>7A: 6EEA>86I>DCb /=JH I=: JH:G H=DJA9 7: >C 6 G><=I EDH>I>DC ID
8=DDH: I=: HJ>I67A: EGD9J8I ;DG I=:>G DLC 6EEA>86I>DCby; I=:G: >H 6CN FJ:GN` EA:6H: 8DCI68I xDC<;6 ;DG I=: I:8=C>86A H:GK>8:bxDL:K:G` >I >H I=: JH:GTH
G:HEDCH>7>A>IN ID 9:I:GB>C: L=>8= EGD9J8I H=DJA9 7: JH:9 DCANb
P 3>6B:C xDC<;6 uA:8IGD68DJHI>8 sDb` |I9b qAA G><=IH D; xDC<;6 6G: G:H:GK:9b
efh
}q3y}0} .2y/sxy~w +*2u-
rG:6@>C< s6E68>IN ]@1q^
u~t0-q~su s0-1u
492@24B6@:AB:4 4C@D6A
sDCI68I 1DAI6<: ]1^
ed
dbe
dbi
e
ed
i
gd
id
hd
fd
gdd hdd
edd fdd
idd
id
f EDA: ]qs -:H>HI>K:^
f EDA: ]ts -:H>H>I>K:^
dbh
dbf
d
e
ebf
dbl ebd
dbj
ed
edd
eddd
fbd
ebl
ebh ebj
fbj
fbh
fbf
f EDA: ]qs^


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HF115F MINIATURE HIGH POWER RELAY 1  2  3  4  Hongfa Technology
HF115F-A MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF115F-H MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF115F-I MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF37F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF115F-Q MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
JQX-105F-4_04 MINIATURE HIGH POWER RELAY 1  2  3  List of Unclassifed Manufacturers
HF54FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF115F-T MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF62F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn