Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF118F012-2H Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF118F012-2H
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF118F012-2H Datasheet(HTML) 2 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
K:GH>DC h
iq fid1qs
D56
]q<.C*f` q<.C*f_qJ^
gq fid1qs 6I li
gq gd1ts 6I li
f5 ]ao.^ hb ]aow^
gq fid1qs 6I li
gq gd1ts 6I li
f5 ]ao.^h/b ]aow^
4VTUQOKS TRKIMHN IQJK
*CAN ;DG HE:8>6A G:FJ>G:B:CIH` :b<b ]iii^ HI6C9H ;DG -Dx. 8DBEA>6CI
-:B6G@ne^ yC 86H: D; CD IDA:G6C8: H=DLC >C DJIA>C: 9>B:CH>DCn DJIA>C: 9>B:CH>DC XeBB` IDA:G6C8: H=DJA9 7: QdbfBBo DJIA>C: 9>B:CH>DC ZeBB
6C9 XiBB` IDA:G6C8: H=DJA9 7: QdbgBBo DJIA>C: 9>B:CH>DC ZiBB` IDA:G6C8: H=DJA9 7: QdbhBBb
f^ /=: IDA:G6C8: L>I=DJI >C9>86I>C< ;DG +sr A6NDJI >H 6AL6NH QdbeBBb
g^ /=: L>9I= D; I=: <G>99>C< >H fbihBBb
e^
]rDIIDB K>:L^
f^
=QUKT1 *CAN HDB: INE>86A G6I>C<H 6G: A>HI:9 67DK:by; BDG: 9:I6>AH 6G: G:FJ>G:9` EA:6H: 8DCI68I JHb
g^
efg
]rDIIDB K>:L^
>CB;:=6 5:<6=A:>=A, E:@:=8 5:28@2< 2=5 ?4 3>2@5 ;2F>CB
0C>In BB
A276BF 2??@>D2; @2B:=8A
C;+4C@
]q<~>`q<.C*f^
D56
]q<~>`q<~>_qJ^
>@56@:=8 :=7>@<2B:>=
4QMN WQNUHLK
i` j` m` ef` el` fh` hl` jd1ts
xveelv c
def
.
h
afx
/1 gbfBB f EDA:
BXRK
4QPTUSVIUMQP
A1 26H= I><=I
=MN1 vAJM EGDD;:9
w
.91fvDGB q .51fvDGB r .G1fvDGB s
4QPUHIU OHUKSMHN
B1 q<.C*f 81 q<~>_qJ EA6I:9 B81 q<.C*f_qJ EA6I:9
=MN1 q<~>
]333^
4QPUHIU HSSHPLKOKPU
DKSTMQP
xveelv
z,3aeelv ]*A9 INE:^
*JIA>C: t>B:CH>DCH
jadbhMdbl
dbiMdbi
flbi dbg
edbe dbg
=QUKT1 e^ 2: =6K: CDL <G69J6AAN JE96I:9 DJG DG9:G>C< >C;DGB6I>DCb 2: HJ<<:HI C:L INE: H=DJA9 7: H:A:8I:9by; C:8:HH6GN` DA9 INE: 86C 7: @:EI
;DG HDB: E:G>D9 ;DG I=: DA9 8JHIDB:GHb
f^ 0C9:G I=: 6B7>:C8: L>I= 96C<:GDJH <6H A>@: xf.` .*f DG ~*f` L6H= I><=I INE: >H G:8DBB:C9:9o EA:6H: I:HI I=: G:A6N >C G:6A 6EEA>86I>DCHb
y; I=: 6B7>:C8: 6AADLH` ;AJM EGDD;:9 >H EG:;:G:CI>6AAN G:8DBB:C9:9b
g^ xveelv >H 6C :CK>GDCB:CI6A ;G>:C9AN EGD9J8Ib +A:6H: B6G@ 6 HE:8>6A 8D9: ]iii^ L=:C DG9:G>C<b
2>G>C< t>6<G6B
+sr |6NDJI
gbf
gbf
elbm
b] `^a \_^`
_
S


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF115FMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF115F-AMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-HMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-IMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-QMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF54FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-TMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF62FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn