Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA6503A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA6503A
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6503A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA6503A Datasheet HTML 3Page - NXP Semiconductors TDA6503A Datasheet HTML 4Page - NXP Semiconductors TDA6503A Datasheet HTML 5Page - NXP Semiconductors TDA6503A Datasheet HTML 6Page - NXP Semiconductors TDA6503A Datasheet HTML 7Page - NXP Semiconductors TDA6503A Datasheet HTML 8Page - NXP Semiconductors TDA6503A Datasheet HTML 9Page - NXP Semiconductors TDA6503A Datasheet HTML 10Page - NXP Semiconductors TDA6503A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
2000 Mar 16
7
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
7
PINNING
SYMBOL
PIN
DESCRIPTION
TDA6502;
TDA6502A
TDA6503;
TDA6503A
UHFIN1
1
28
UHF RF input 1
UHFIN2
2
27
UHF RF input 2
VHFIN
3
26
VHF RF input
RFGND
4
25
RF ground
IFFIL1
5
24
IF filter output 1
IFFIL2
6
23
IF filter output 2
PVHFL
7
22
PMOS port output, general purpose (e.g. VHF low sub-band)
PVHFH
8
21
PMOS port output, general purpose (e.g. VHF high sub-band)
PUHF
9
20
PMOS port output, UHF band
FMST
10
19
PMOS port output, general purpose (e.g. FM sound trap)
SW
11
18
bus format selection input: I2C-bus mode or 3-wire bus mode
CE/AS
12
17
chip enable input in 3-wire bus mode or address selection input in
I2C-bus mode
DA
13
16
serial data input/output
CL
14
15
serial clock input
LOCK/ADC
15
14
lock detector output in 3-wire bus mode or ADC input in I2C-bus
mode
CP
16
13
charge pump output
VT
17
12
tuning voltage output
XTAL
18
11
crystal oscillator input
VCC
19
10
supply voltage
IFOUT
20
9
IF output
GND
21
8
digital ground
VHFOSCIB
22
7
VHF oscillator input base
OSCGND
23
6
oscillator ground
VHFOSCOC
24
5
VHF oscillator output collector
UHFOSCIB1
25
4
UHF oscillator input 1 (base)
UHFOSCOC1
26
3
UHF oscillator output 1 (collector)
UHFOSCOC2
27
2
UHF oscillator output 2 (collector)
UHFOSCIB2
28
1
UHF oscillator input 2 (base)


Similar Part No. - TDA6503A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

Similar Description - TDA6503A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
logo
Panasonic Semiconductor
DN8506S PANASONIC-DN8506S Datasheet
33Kb / 3P
   Prescaler IC for TV and VCR tuners
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com