Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF115F-T Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF115F-T
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF115F-T Datasheet(HTML) 2 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
gfr hkf2rt 7J gfkRt
lr jff2rt 7J gfkRt
G89
ywggkwc0ycgy`/ai
F>+7FC
glr hkf2rt 7J gfkRt
ywggkwc0cgy`/ais
gfr hkf2rt 7J gfkRt
ywggkwc0ycg6`/ais
*+p glr hkf2rt 7J gfkRt
*tp glr hkf2rt 7J gfkRt
ywggkwc0cg6`/ais
r
7YWXTRNV WUNLPKQ LTMN
`+DBO <EH IF;9?7B H;GK?H;C;DJIa
;d=d `kkga IJ7D:I <EH .Ey/ 9ECFB?7DJ `t7:C?KC 9EDJ7?D?D= 9EDJ79JIa
`kkka IJ7D:I <EH .Ey/ 9ECFB?7DJ `t7:C?KCc<H;; 9EDJ79JIa
ga
ha
@TXNW4 +DBO IEC; JOF?97B H7J?D=I 7H; B?IJ;: 78EL;dz< CEH; :;J7?BI 7H; H;GK?H;:b FB;7I; 9EDJ79J KIdd
ia
gii
gfr hmm2rt
glr hmm2rt
ywggkwc0ycgy`/ais
ywggkwc0cgy`/ais
D5:9EI 5BBCAG5> C5E=@;D
+KJB?D; u?C;DI?EDI
AFE>=@9 8=?9@D=A@D. H=C=@; 8=5;C5? 5@8 B7 6A5C8 >5IAFE
1D?Jp CC
7TPQ ZTQXKON
kb lb obghb gnb hjb jnb lf2ut
ywggkwc0e0y fgh
i
cgy /
GNVWPTS
24 kdfCC
AC89C=@; =@:AC?5E=A@
E[UN
7TSXKLX KVVKSONRNSX
1<4gwEHC r
1J4gwEHC t
7TSXKLX RKXNVPKQ
54 r=/D+h
64 r=*?
@PQ4 r=t:+
7TSWXVYLXPTS
D4 37I> J?=>J
@PQ4 wBKNFHEE<;:
`444a
ywggkwc0p /J7D:7H:
ywggkwc0yp y?=> /;DI?J?L;
{-4cggkwc0e0y`+B: JOF;a
ho fdi
idl fdk
ghdm fdi
fdi fdh
lcfdkNfdn
fdkNfdk
@TXNW4 ga 3; >7L; DEM =H7:K7BBO KF:7J;: EKH EH:;H?D= ?D<EHC7J?EDd 3; IK==;IJ D;M JOF; I>EKB: 8; I;B;9J;:dz< D;9;II7HOb EB: JOF; 97D 8; A;FJ
<EH IEC; F;H?E: <EH J>; EB: 9KIJEC;HId
ha 1D:;H J>; 7C8?;D9; M?J> :7D=;HEKI =7I B?A; yh/b /+h EH *+hb M7I> J?=>J JOF; ?I H;9ECC;D:;:q FB;7I; J;IJ J>; H;B7O ?D H;7B 7FFB?97J?EDId
z< J>; 7C8?;D9; 7BBEMIb <BKNFHEE<;: ?I FH;<;H;DJ?7BBO H;9ECC;D:;:d
ia ywggkwc0 ?I 7D ;DL?HEDC;DJ7B <H?;D:BO FHE:K9Jd ,B;7I; C7HA 7 IF;9?7B 9E:; `kkka EH `kkga M>;D EH:;H?D=d `kkga IJ7D:I .Ey/ 9ECFB?7DJ
M?J> t7:C?KC 9EDJ79Jq `kkka IJ7D:I <EH .Ey/ 9ECFB?7DJ M?J> t7:C?KCc<H;; 9EDJ79Jd


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF115FMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF115F-AMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-HMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-IMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-QMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF54FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF62FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn