Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HF115F-I Datasheet(PDF) 1 Page - Hongfa Technology

Part No. HF115F-I
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF115F-I Datasheet(HTML) 1 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ckkmjs5 ;77hX
5JGTURJS
Hdg` Oj5AERE7?77979?8:7
887
>>57
8857
JPOIHC SGMCZ
Ejdg kjr`m
9<977 s /8 8<-0
8=C 9<7WCE
UW4<3897WCE
JH88<H4K55558J/T0:C
B34
Hdg` Oj5A88=@:;
Tcj^f m`ndno\i^` 1
Fd`g`^omd^
nom`iboc
Qg\nod^ n`\g`_3
Hgps kmjja`_
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978< S`q5 8577
8=8
Hdg` Oj5AG8:;<8>
8=C 9<7WCE \o ?<wE
JH88<H4K55558J/T0:C
A9+2A9
JH88<H4K55558[/T0:C
JH88<H4K55558[/T0:C
OPA 8=C 9<7WCE \o ?<wE
OPA 8=C 9<7WCE \o ?<wE
90
75,,.5*8
8C3 8E
877h h\s5/\o 8C =WFE0
CbTiP9
8=C 9<7WCE
OPA UW4< ?7C
897C 6 97hn
Ejio\^o \mm\ib`h`io
Ejio\^o m`ndno\i^`
Ejio\^o h\o`md\g
Ejio\^o m\odib
<777WCE 8hdi
8777WCE 8hdi
87fW /859 6 <7yn0
8<hn h\s5
?hn h\s5
<<L h\s5
@?h6n9
@?7h6n9
87Ju oj 8<7Ju 97b6<b
<- oj ?<- SJ
4;7 oj ?<
QED
Ckkmjs5 8:5<b
:8;80@A>4 7867 =<C4> >490E
2<;@02@ 30@0
270>02@4>8?@82?
2<89
Ojhdi\g
Wjgo\b`
WFE
Ejdg
S`ndno\i^`
Qd^f4pk
Wjgo\b`
WFE
h\s5
Fmjk4jpo
Wjgo\b`
WFE
hdi5
2<89 30@0
<
=
89
9;
;?
=7
:5<7
;597
?5;7
8=5?
::5=
;957
75<
75=
859
95;
;5?
=57
?054@E 0==><B09 >0@8;6?
Kinpg\odji m`ndno\i^`
D`or``i ^jdg . ^jio\^on
D`or``i jk`i ^jio\^on
Tpmb` qjgo\b` /]`or``i ^jdg . ^jio\^on0
Pk`m\o` odh` /\o ijhd5 qjgo50
S`g`\n` odh` /\o ijhd5 qjgo50
U`hk`m\opm` mdn` /\o ijhd5 qjgo50
Hpi^odji\g
F`nomp^odq`
=9s/8 87-0
@7s/8 87-0
:=7s/8 87-0
8;;7 s /8 87-0
<>=7 s /8 8<-0
><77 s /8 8<-0
@
=5:7
75@
979 s /8 87-0
8?
895=
85?
?87s/8 87-0
>5<
@57
8?
:=
>9
@7
8=<
8:5<
9>
N\s5
Wjgo\b`
WFE
\ N\s cdbc dimpncA897C 97hn
\ Mjrc`dbcoA 8<5> hh
\ <fW _d`g`^omd^ nom`iboc /]`or``i ^jdg \i_ ^jio\^on0
\ Em``k\b` _dno\i^`A 87hh
\ N``odib WFG 7>773 7=:8 m`diajm^` dinpg\odji
\ Qmj_p^o di \^^jm_\i^` oj KGE =7::<48 \q\dg\]g`
\ Tj^f`on \q\dg\]g`
\ Qg\nod^ n`\g`_ \i_ agps kmjja`_ otk`n \q\dg\]g`
\ VM dinpg\odji ntno`hA Eg\nn H
\ Giqdmjih`io\g amd`i_gt kmj_p^o /SjJT ^jhkgd\io0
\ Ppogdi` Fdh`indjinA /9@57 s 895> s 8<5>0 hh
8777N /\o <77WFE0
Ejinomp^odji
\o 9:
Kimpnc m\odib /897WCE0
8J:C otk`A >5< s 87;PQT /8=C 9<7WCE3
I`i`m\g pn`3 Sjjh o`hk53
8n ji @n jaa0
8J:C otk`A 95< s 87;PQT /UW4< 897WCE3
Sjjh o`hk53 8n ji <@n jaa0
B
34
;PTJS/ 80 Uc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
90 1 Ki_`s dn ijo oc\o ja m`g\t g`iboc _dm`^odji5
Wd]m\odji m`ndno\i^` 1
Jphd_dot
Ch]d`io o`hk`m\opm`
U`mhdi\odji
Vido r`dbco
;PTJS/ 80 Cgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`5
90 Pigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Poc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
Gg`^omd^\g `i_pm\i^`
N\s5 nrdo^cdib qjgo\b`
N\s5 nrdo^cdib ^pmm`io
N\s5 nrdo^cdib kjr`m
N`^c\id^\g `i_pm\i^`
;;7WCE 6 :77WFE
8=C
;777WC
8s87>PQT
;PTJS/ 80 N\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c m`g\t
^jdg ^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`5
80
90 Hjm kmj_p^on rdoc m\o`_ qjgo\b` [ ;?W3 h`\npm`n ncjpg_ ]`
o\f`i oj km`q`io ^jdg jq`mqjgo\b` di jm_`m oj kmjo`^o ^jdg di
o`no \i_ \kkgd^\odji /`b5 Ejii`^o _dj_`n di k\m\gg`g05
90
90


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF115FMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF115F-AMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF115F-HMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF54FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF62FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF68FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn