Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA7000
Description  FM radio circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7000 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA7000 Datasheet HTML 1Page - NXP Semiconductors TDA7000 Datasheet HTML 2Page - NXP Semiconductors TDA7000 Datasheet HTML 3Page - NXP Semiconductors TDA7000 Datasheet HTML 4Page - NXP Semiconductors TDA7000 Datasheet HTML 5Page - NXP Semiconductors TDA7000 Datasheet HTML 6Page - NXP Semiconductors TDA7000 Datasheet HTML 7Page - NXP Semiconductors TDA7000 Datasheet HTML 8Page - NXP Semiconductors TDA7000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
May 1992
4
Philips Semiconductors
Product specification
FM radio circuit
TDA7000
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
D.C. CHARACTERISTICS
VP = 4,5 V; Tamb = 25 °C; measured in Fig.4; unless otherwise specified
Supply voltage (pin 5)
VP
max.
12 V
Oscillator voltage (pin 6)
V6-5
VP−0,5 to VP + 0,5 V
Total power dissipation
see derating curve Fig.2
Storage temperature range
Tstg
−55 to +150 °C
Operating ambient temperature range
Tamb
0 to
+ 60 °C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 5)
VP
2,7
4,5
10
V
Supply current
at VP = 4,5 V
IP
8
mA
Oscillator current (pin 6)
I6
280
−µA
Voltage at pin 14
V14-16
1,35
V
Output current at pin 2
I2
60
−µA
Voltage at pin 2; RL = 22 kΩ
V2-16
1,3
V
Fig.2 Power derating curve.


Similar Part No. - TDA7000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7010 PHILIPS-TDA7010 Datasheet
182Kb / 11P
   FM radio circuit
September 1983
TDA7010T PHILIPS-TDA7010T Datasheet
182Kb / 11P
   FM radio circuit
September 1983
logo
List of Unclassifed Man...
TDA7020T ETC1-TDA7020T Datasheet
252Kb / 6P
   FM RADIO CIRCUIT
logo
NXP Semiconductors
TDA7021 PHILIPS-TDA7021 Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
TDA7021T PHILIPS-TDA7021T Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
More results

Similar Description - TDA7000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7010T PHILIPS-TDA7010T Datasheet
182Kb / 11P
   FM radio circuit
September 1983
logo
List of Unclassifed Man...
TDA7020T ETC1-TDA7020T Datasheet
252Kb / 6P
   FM RADIO CIRCUIT
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
   FM/AM RADIO CIRCUIT
logo
NXP Semiconductors
TDA7021T PHILIPS-TDA7021T Datasheet
145Kb / 13P
   FM radio circuit for MTS
May 1992
TEA5711 PHILIPS-TEA5711 Datasheet
520Kb / 28P
   AM/FM stereo radio circuit
September 1994
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com