Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF115F-H Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF115F-H
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF115F-H Datasheet(HTML) 2 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
F78
CVNLQOQLKYQUTX
BKYQTPX
}{kko{g}Yhkb}u9cb2cbkulumcvb|cb{c
}{kko{g}Yhkb}u9cb2cbkulumcb|cb{c
kjv loj5vx :M roUx
pv njj5vx :M roUx
v@2G.l
v@x=.
6UTYKLY >KYNWQKR
E=.6E=
CVNLQOQLKYQUTX
BKYQTPX
}{kko{g}Yhkb}u9cb2cbkulumcb|cb{c
v@x=.
6UTYKLY >KYNWQKR
kjv loj5vx :M roUx
kjv loj5vx
kos
v
kclc
mc
6UTYKLY SKYNWQK
mhoFF /BGGBG@ b}{kko{g}i [[[ g[[gkg[coFF /BGGBG@ b}{kko{g}i [[[ g[[glimg[c
?UYNX3 kcvEE O:EN>L NGLI><B?B>= :K> :M KHHF M>FI>K:MNK>h
lc .GER MRIB<:E EH:=L :K> EBLM>= :;HO>h .MA>K EH:= LI><B?B<:MBHGL <:G ;> :O:BE:;E> NIHG K>JN>LMh
lcxHGM:<M BL K><HFF>G=>= ?HK LNBM:;E> <HG=BMBHG :G= LI><B?B<:MBHGL B? P:M>K <E>:GBG@ HK LNK?:<> IKH<>LL BL BGOHEO>= BG :LL>F;EBG@ K>E:RL
HG /xwh
C498DI 4AAB@F4= B4D<?:C
6UQR [URYKPN
of pf klf krf lnf nrf pj5yx
}{kko{g} i jkl
2 m
gk}
FNWXQUT
/3 mhoFF k IHE>
03 ohjFF k IHE>
13 ohjFF k IHE>
@B78B<?: <?9@B>4D<@?
D\VN
6UTYKLY KWWKTPNSNTY /;3k {HKF v /73k {HKF w /J3k {HKF x
43 v@2G.l
53 v@-B
?QR3 v@x=.
:3 v@x=.evN IE:M>=
4:3 v@2G.levN IE:M>= 5:3 v@-BevN IE:M>=
6UTXYWZLYQUT
C3 /E:LMB< L>:E>=
?QR3 {ENQ IKHH?>=
b777c
@ED=<?8 7<>8?C<@?C, G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4I@ED
.NMEBG> yBF>GLBHGL
4GBMt FF
<TXZRKYQUT XYKTMKWM
93 xE:LL {
?QR3 xE:LL w
{
?UYNX3 kc 6> K><HFF>G= ?ENQ IKHH?>= MRI>L ?HK : <E>:G >GOBKHGF>GM b?K>> ?KHF <HGM:FBG:MBHGL EBD> }l2f 2.lf -.lf =NLMf >M<hch
6> LN@@>LM MH <AHHL> IE:LMB< L>:E>= MRI>L :G= O:EB=:M> BM BG K>:E :IIEB<:MBHG ?HK :G NG<E>:G >GOBKHGF>GM bPBMA <HGM:FBG:MBHGL
EBD> }l2f 2.lf -.lf =NLMf >M<hch
mc {HK @HE= IE:M>= MRI>f MA> FBGh LPBM<ABG@ <NKK>GM :G= FBGh LPBM<ABG@ OHEM:@> BL kjFvo5yxh
klhq jhm
ls jhm
pgjhoQjhr
jhoQjho
klhq jhm
ls jhm
mgjhoQjhr
jhoQjho
CVNLQKR LUMNnc
HHH3 xNLMHF>K LI><B:E K>JNBK>F>GM
?QR3 2M:G=:K=
nc 3A> <NLMHF>K LI><B:E K>JNBK>F>GM >QIK>LL :L LI><B:E <H=> :?M>K >O:EN:MBG@ ;R }HG@?:h >h@hbmmoc LM:G=L ?HK IKH=N<M BG :<<HK=:G<> MH
~zx pjmmogk b|63c]


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF115FMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF115F-AMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF54FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF62FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF68FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF13FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn