Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTL2A-LC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DTL2A-LC
Description  100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTL2A-LC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DTL2A-LC Datasheet HTML 1Page - List of Unclassifed Manufacturers DTL2A-LC Datasheet HTML 2Page - List of Unclassifed Manufacturers DTL2A-LC Datasheet HTML 3Page - List of Unclassifed Manufacturers DTL2A-LC Datasheet HTML 4Page - List of Unclassifed Manufacturers DTL2A-LC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INNOVATION and EXCELLENCE
®
®
Features
I
I
I
I
I
I
I
I
I
Applications
I
I
I
I
I
I
Figure 1. Simplified Schematic
NEW
ISOLATED
DC/DC
CONVERTER
12-BIT
D/A
DATA
LATCH
AMPLIFIER
AND
CURRENT
SENSOR
+LOAD
+LOAD
–LOAD
–LOAD
CONTROL STROBE (CS)
CLOCK (CLK)
INPUT
BUFFERS
OPTO
ISOLATORS
SERIAL DATA INPUT (SDI)
LATCH DATA (LD)
GROUND
+5V SUPPLY
UNDERVOLTAGE
DETECTION
POWER DEVICE
UNDER TEST
FAULT
DATEL, Inc., Mansfield, MA 02048 (USA) · Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 · Email: sales@datel.com · Internet: www.datel.com
DTL Series
DTL2A-LC Model
100 Watt, Digitally Programmable
Low-Voltage, Electronic Loads
DATEL’s new DTL2A-LC is an optically isolated, digitally programmable, serial-
input electronic load designed for use in burn-in, characterization and test of today’s
low-voltage power supplies and power components. The DTL2A-LC is essentially a
digitally controlled current source that can sink currents from 0 to 20 Amps, at loading
voltages as low as 0.6 Volts, up to a maximum power of 100 Watts.
The DTL2A-LC accepts a serialized, 12-bit, CMOS/TTL-compatible, digital input
word easily supplied by any standard digital I/O card. The DTL2A-LC optically isolates
(500Vdc) the digital data, latches it, and presents it to an on-board, 12-bit, digital-
to-analog (D/A) converter. The D/A output drives a near-ideal (10M
Ω min. output
impedance), voltage-controlled current source. One LSB (least significant bit) of the
D/A corresponds to a 5mA increment (0.025% of 20A) in load current. The DTL2A-LC
guarantees a ±10mA max. offset error and a ±0.4% max. gain error. It has an impressive
full-scale step response time of 100µsec and can be updated at rates to 20kHz.
The DTL2A-LC operates from a single +5V and draws a mere 150mA. It is housed
in a thermally efficient, 2" x 2" x 0.5" metal package that has an aluminum baseplate
with through-hole spacers for easy pcb mounting and/or heat-sink attachment.
When operating with constant currents up to 20 Amps, the DTL2A-LC has an
output compliance voltage of 0.6 to 50 Volts. Should the output/load voltage drop below
the 0.6V minimum required for proper biasing, an internal monitoring circuit activates the
DTL2A-LC's output Fault line.
DATEL’s electronic loads and their companion controller boards and software are
outstanding building-block components for power-supply (AC/DC and DC/DC convert-
ers) and power-component (diodes, FET’s, etc.) burn-in and test systems. They are an
extremely reliable, cost-effective solution that enables you to quickly configure flexible,
impressively accurate systems.
12-bit, optically isolated (500Vdc),
CMOS/TTL-compatible serial input
Output load voltages as low as 0.6 Volts
Output current 0-20A in 5mA increments
Output power to 100 Watts
10M
Ω minimum output impedance
±10mA offset error; ±0.4% gain error
100µsec full-scale step response
Operate in parallel for higher power
Miniature, 2" x 2" metal package
Static/dynamic power-supply burn-in
Power-supply test and characterization
Battery capacity testing
Current-source testing
Capacitor discharge testing
Real-time load simulation


Similar Part No. - DTL2A-LC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DTL2A-LC MURATA-DTL2A-LC Datasheet
161Kb / 5P
   100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
More results

Similar Description - DTL2A-LC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DTL2A-LC MURATA-DTL2A-LC Datasheet
161Kb / 5P
   100 Watt, Digitally Programmable Low-Voltage, Electronic Loads
DTL3A MURATA-DTL3A Datasheet
90Kb / 5P
   Digitally Programmable, 2A/200V 100 Watt, Electronic Loads
DTL4A MURATA-DTL4A Datasheet
89Kb / 5P
   Digitally Programmable, 10A/150V 100 Watt, Electronic Loads
DTL2A MURATA-DTL2A Datasheet
162Kb / 5P
   100 Watt, Digitally Programmable Serial-Input, Electronic Loads
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
   DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
logo
Murata Manufacturing Co...
DTL25A-LC MURATA-DTL25A-LC Datasheet
443Kb / 4P
   Voltage-Controlled, 2 Amp 100 Watt, Low-Compliance Electronic Loads
DTL32A-LC MURATA-DTL32A-LC Datasheet
365Kb / 4P
   voltage=controlled, 50 amp 100 watt, low compliance electronic loads
logo
List of Unclassifed Man...
DTL22A ETC2-DTL22A Datasheet
78Kb / 4P
   Voltage-Controlled, 20 Amp 100 Watt, Electronic Loads
logo
Murata Manufacturing Co...
DTL24A MURATA-DTL24A Datasheet
440Kb / 4P
   Voltage-Controlled, 10 Amp 100 Watt, Electronic Loads
DTL23A MURATA-DTL23A Datasheet
441Kb / 4P
   Voltage-Controlled, 2 Amp 100 Watt, Electronic Loads
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com