Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF102F Datasheet(PDF) 1 Page - Hongfa Technology

Part No. HF102F
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF102F Datasheet(HTML) 1 Page - Hongfa Technology

  HF102F Datasheet HTML 1Page - Hongfa Technology HF102F Datasheet HTML 2Page - Hongfa Technology HF102F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rDDFCLc neeA2
6JGTURJS
w=@9 ~Ccovfhijfl
tCBH57H F5H=B;
u=9@97HF=7
GHF9B;H<
.<C7? F9G=GH5B79
y*~xwr -v|r4
tC=@ DCK9F
-9G=GH=J9o ger gje1rt
w=@9 ~Ccot,tfheegenmfkj
bgj HC mj
-9G=GH=J9o gjr
}CHCFogy+ gie1rt
gjr gje1rt
ger gje1rt
fy+ fge1rt
gy+ gie1rt
z.*neefa z.*d/.fknin a z.*fieefa *y.r.fmeefa zvt,,t emeeee tv-/zwzvu
gefj -9Jc fcee
}5Lc GK=H7<=B; 7IFF9BH
}5Lc GK=H7<=B; DCK9F
}97<5B=75@ 9B8IF5B79
v@97HF=75@ 9B8IF5B79
tCBH57H A5H9F=5@
}5Lc GK=H7<=B; JC@H5;9
tCBH57H F9G=GH5B79
fnm
w=@9 ~Ccoieegifig
gjr gje1rt 5H jjCt
ger gje1rt 5H mjCt
C45
<PTJS0 f^ r@@ J5@I9G IBGD97=:=98 5F9 5H FCCA H9AD9F5HIF9c
g^ *B@MHMD=75@ @C58G 5F9 @=GH98 56CJ9c *H<9F @C58 GD97=:=75H=CBG
75B 69 5J5=@56@9 IDCB F9EI9GHc
f L fej*+. ]ger gje1rta
-9G=GH=J9 @C58a 5H mjCta fcjGCB fcjGC::^
V icj?1 8=9@97HF=7 GHF9B;H<
]69HK99B 7C=@ 5B8 7CBH57HG^
V y95JM@C58 ID HC jeee1r
V z895@ :CF ACHCF GK=H7<=B;
V+ts \ ,t @5MCIHG 5J5=@56@9
V0| =BGI@5H=CB GMGH9Aot@5GG w
V vBJ=FCBA9BH5@ :F=9B8@MDFC8I7H ]-Cy. 7CAD@=5BH^
V *IH@=B9 u=A9BG=CBGo ]hecj L fkce L ghcj^ AA
tCBH57H 5FF5B;9A9BH
86.-/6
feee} ]5H jee1ut^
ijee1rt fA=B
feee1rt fA=B
geAG A5Lc
feAG A5Lc
ke{ A5Lc
fnkAdGg
nmeAdGg
feyNHC jjyN fcjAA ur
;9<91AB?5 8978 >=D5? ?5:1F
3=<A13A 41A1
381?13A5?9@A93@
3=9:
~CA=B5@
1C@H5;9
1ut
tC=@
-9G=GH5B79
+=7?bID
1C@H5;9
1ut
A5Lc
uFCDbCIH
1C@H5;9
1ut
A=Bc
}5Lc
1C@H5;9
1ut _
3=9: 41A1
j
fg
gi
im
glcm L ]f fe[^
fke L ]f fe[^
kie L ]f fe[^
gjke L ]f fe[^
hcj
mci
fkcm
hhck
ecj
fcg
gci
icm
kce
fici
gmcm
jlck
@165AF 1>>?=C1: ?1A9<7@
B:,3B:
r;.B*gar;t8*
zBGI@5H=CB F9G=GH5B79
s9HK99B 7C=@ \ 7CBH57HG
s9HK99B CD9B 7CBH57HG
*D9F5H9 H=A9 ]5H BCA=c JC@Hc^
-9@95G9 H=A9 ]5H BCA=c JC@Hc^
/9AD9F5HIF9 F=G9 ]5H BCA=c JC@Hc^
wIB7H=CB5@
u9GHFI7H=J9
1=6F5H=CB F9G=GH5B79
rA6=9BH H9AD9F5HIF9
yIA=8=HM
/9FA=B5H=CB
0B=H K9=;<H
tCBGHFI7H=CB
5H gh
fr
feeA A5Lc]5H fr k1ut^
kgje1r
g L fek*+.
gje1rt
j[ HC mj[ -y
ywfegwo +ts \ ,t
ywfegwb+o +ts
rDDFCLcgh;
uIGH DFCH97H98
<PTJS0
_}5L=AIA JC@H5;9 F9:9FG HC H<9 A5L=AIA JC@H5;9 K<=7< F9@5M
7C=@ 7CI@8 9B8IF9 =B 5 G<CFH D9F=C8 C: H=A9c
<PTJS0 /<9 85H5 G<CKB 56CJ9 5F9 =B=H=5@ J5@I9Gc
C
45


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HF37F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
JQX-105F-4_04 MINIATURE HIGH POWER RELAY 1  2  3  List of Unclassifed Manufacturers
HF54FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF62F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF10FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF68F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF10FH MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF13F MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF14FF MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology
HF14FW MINIATURE HIGH POWER RELAY 1  2  3  Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn