Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF92F Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF92F
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF92F Datasheet(HTML) 3 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9 Usj_ /RE0
9=:
S_g[leA 80 Kh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih X8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih [8gg
[h^ X<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih [<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
90 Ub_ nif_l[h]_ qcnbion ch^c][ncha`il QED f[sion cm [fq[sm v758gg5
: Usj_ /RE0
QED M[sion
9;
=
?
7
8
/Dinnig pc_q0
9;
:
=
?
>
7
8
9 Hilg C
9 Hilg E
/Dinnig pc_q0
=?5= g[r
75?
885; 75<
2757;
47579
=5:< 757?
=5:< 757?
75?
2757;
47579
>5?
>57
::59
<@5> 759
<9 g[r
7
8
9:
;
=
>
?
75?
885; 75<
2757;
47579
;5>< 757?
=5:< 757?
75<
2757:
47579
=?5= g[r
>5?
>57
::59
<@5> 759
<9 g[r
7
8
9:
;
=
>
?
8 Usj_ /QED0
;@?87:3 2793:>7;:>{ B7=7:5 27/5=/9 /:2 <1 0;/=2 8/D;@?
VhcnA gg
Ponfch_ Fcg_hmcihm
XclchaFc[al[g
::59
>5?
>57
85?
<58<
<957 g[r
75?
;58 759
2757;
47579
859 757>
=5:< 757?
>5? 758:
>57 758:
::59 75<
7
8
9:
;
=
>
?


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
JQX-13FMINIATURE INTERMEDIATE POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF18FFMINIATURE INTERMEDIATE POWER RELAY 1 2 3 Hongfa Technology
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF32FA-TSUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF36FSUBMINIATURE INTERMEDIATE POWER RELAY 1 2 3 Hongfa Technology
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)
HF13FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF38FSUBMINIATURE INTERMEDIATE POWER RELAY 1 2 3 Hongfa Technology
HF14FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn