Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF54FF Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF54FF
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF54FF Datasheet(HTML) 3 Page - Hongfa Technology

  HF54FF Datasheet HTML 1Page - Hongfa Technology HF54FF Datasheet HTML 2Page - Hongfa Technology HF54FF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
54
544
5444
\hlw@428
5
Ig]n\mbo^
54
AC R^lblmbo^.5C/
544
AC R^lblmbo^.5A/
I]n\mbo^.5A/
64
54
94
544
944
5:
:
54
<
56
58
6
864
5<
694VAC .5A/
694VAC .5C/
R^lblmbo^ ehZ]
R^lblmbo^ LhZ]
MAXIMUM SWITCHING POWER
ENDURANCE CURVE
ChgmZ\m VhemZ`^ .V/
ChgmZ\m Cnkk^gm .A/
Ig]n\mbo^ LhZ]
664VAC .5C/
Ig]n\mbo^ LhZ]
664VAC .5A/
\hlw@428
Dbl\eZbf^k
Tabl ]ZmZla^^m bl _hk ma^ \nlmhf^klx k^_^k^g\^2 Aee ma^ li^\b_b\Zmbhgl Zk^ ln[c^\m mh \aZg`^ pbmahnm ghmb\^2
W^ \hne] ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg] Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg2 Tanl ma^ nl^k lahne] [^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg2 I_ ma^k^ bl Zgr jn^kr0 ie^Zl^ \hgmZ\m Hhg`_Z _hk ma^ m^\agb\Ze l^kob\^2 Hhp^o^k0 bm bl ma^ nl^kxl
k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger2
t XbZf^g Hhg`_Z Ee^\mkhZ\hnlmb\ Ch20 Lm]2 Aee kb`aml h_ Hhg`_Z Zk^ k^l^ko^]2
5;8
7=29
R^fZkd> 5/ Ig \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhg> hnmebg^ ]bf^glbhg V5ff0 mhe^kZg\^ lahne] [^ u426ff? hnmebg^ ]bf^glbhg X5ff
Zg] V9ff0 mhe^kZg\^ lahne] [^ u427ff? hnmebg^ ]bf^glbhg X9ff0 mhe^kZg\^ lahne] [^ u428ff2
6/ Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PCB eZrhnm bl ZepZrl u425ff2
.Thi ob^p/
Wbkbg` DbZ`kZf
Mhngmbg` ahe^
.3,:,.<0:4;<4. .=:>0;
5 Fhkf C
5 Fhkf A
8=<5470 /4607;487;| ?4:472 /4,2:,6 ,7/ 9. -8,:/ 5,@8=<
Ugbm> ff
61 829


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF13FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FWMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF25FSUBMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn