Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HF54FF Datasheet(PDF) 1 Page - Hongfa Technology

Part No. HF54FF
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF54FF Datasheet(HTML) 1 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
=44fW
1EBPQNEO
Fbe^ Nh2>E57895;
Fbe^ Nh2>84458:99
ChgmZ\m k^lblmZg\^
ChgmZ\m kZmbg`
Db^e^\mkb\
lmk^g`ma
Sah\dk^lblmZg\^
HONGFA RELAY
Chbe ihp^k
Fbe^ Nh2>CQC46445445=99
64A 694VAC368VDC 59A694VAC368VDC
5 Fhkf C
59A 694VAC COSv @5 .NO/
54A 694VAC COSv @5 .NC/
5 Fhkf A
64A 694VAC COSv @5
>/0
NO>64A 664VAC
NC>59A 664VAC
R^lblmbo^
Mhmhk
ISO=445UISO3TS5:=8= UISO58445 UOHSAS5<445 CERTIFIED
644; R^o2 6244
5;6
7LPEO+ Oger lhf^ mrib\Ze kZmbg`l Zk^ eblm^] Z[ho^2 I_ fhk^ ]^mZbel Zk^
k^jnbk^]0 ie^Zl^ \hgmZ\m nl2
31*~11
6474,<=:0 3423 98?0: :05,@
ChgmZ\m AkkZg`^f^gm
ChgmZ\m fZm^kbZe
MZq2 lpbm\abg` ohemZ`^
MZq2 lpbm\abg` \nkk^gm
MZq2 lpbm\abg` ihp^k
M^\aZgb\Ze ^g]nkZg\^
Ee^\mkb\Ze ^g]nkZg\^
5444M .Zm 944VDC/
7444VAC 5fbg
5444VAC 5fbg
59fl fZq2
54fl fZq2
:4K fZq2
544f3l6 .54`/
5444f3l6 .544`/
54Hs mh 99Hs 529ff DA
184 mh ;4
79, mh =9, RH0 84
PZg^e fhngm0 QC
Aiikhq2 86`
Dnlm ikhm^\m^]
9
:
56
68
8<
7294
8264
<284
5:2<
772:
4294
42:4
5264
6284
82<
929
:2:
5726
6:28
962<
6;2< q .5 54,/
84q.5 54,/
5:4q.5 54,/
:84q.5 54,/
69:4 q .5 54,/
.87<,.< /,<,
.3,:,.<0:4;<4.;
.845
NhfbgZe
VhemZ`^
VDC
Chbe
R^lblmZg\^
Pb\d1ni
VhemZ`^
VDC
Dkhi1hnm
VhemZ`^
VDC
MZq2
AeehpZ[e^
VhemZ`^
VDC
.845 /,<,
;,10<@ ,99:8>,5 :,<472;
=5{.=:
5A
5C
94f .Zm 5A :VDC/
A`C]O
529HP 694VAC
694VAC
69A
59A
:694VA 3 :44W
7;94VA 3 7:4W
9q54: OPS
6q549 OPS
W 69A lpbm\abg` \ZiZ[bebmr
W :4A WbmalmZg] bgknla \nkk^gm
W SnbmZ[e^ mh lpbm\a fhmhk ehZ]
W 5 Fhkf A Zg] 5 Fhkf C \hg_b`nkZmbhgl
W Egobkhgf^gmZe _kb^g]er ikh]n\m
.RhHS \hfiebZgm/
W Onmebg^ Dbf^glbhgl> .7624 q 7524 q 5=24/ ff
IglneZmbhg k^lblmZg\^
B^mp^^g \hbe - \hgmZ\ml
B^mp^^g hi^g \hgmZ\ml
Oi^kZm^ mbf^ .Zm ghfb2 ohem2/
R^e^Zl^ mbf^ .Zm ghfb2 ohem2/
T^fi^kZmnk^ kbl^ .Zm ghfb2 ohm2/
Fng\mbhgZe
D^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
Af[b^gm m^fi^kZmnk^
Hnfb]bmr
T^kfbgZmbhg
Ugbm p^b`am
Chglmkn\mbhg
.JQX198FF/
Zm 67
7LPEO+ Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l2


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HF37FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF13FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FWMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF25FSUBMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn