Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM7711007LTTR Datasheet(PDF) 1 Page - Bi technologies

Part # HM7711007LTTR
Description  Low Profile Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM7711007LTTR Datasheet(HTML) 1 Page - Bi technologies

  HM7711007LTTR Datasheet HTML 1Page - Bi technologies HM7711007LTTR Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
84
HM77 - 10001LF
1.01
3.40
0.532
1
1.10
11.00
12.5
HM77 - 20001LF
6.20
1.40
1.33
1
7.00
60.30
70
HM77 - 30001LF
17.6
1.00
2.40
1
22.7
109.00
125
HM77 - 40002LF
3.80
4.80
1.76
2
5.20
17.0
19.1
HM77 - 50002LF
9.40
2.80
2.70
2
12.3
37.80
43.4
HM77 - 60002LF
29.7
1.40
4.60
2
35.3
141.00
166
HM77 - 70002LF
114
0.94
10
2
167
330.00
380
HM77 - 80003LF
2.50
8.00
1.77
3
3.80
7.20
8.30
HM77 - 90003LF
5.10
5.40
2.51
3
7.50
14.30
17.7
HM77 - 10003LF
16.2
2.70
4.29
3
21.9
54.70
63
HM77 - 11003LF
58.1
1.30
7.83
3
73
233.00
290
HM77 - 12003LF
192
0.90
15.7
3
292
472.00
560
HM77 - 13003LF
383
0.72
23.5
3
672
750.00
862
HM77 - 14004LF
0.91
13.3
1.035
4
1.25
4.56
5.70
HM77 - 15004LF
1.32
11.5
1.33
4
2.10
4.56
5.70
HM77 - 16004LF
4.90
7.80
3.04
4
7.90
10.50
12.4
  
LF
9.00
5.50
4.06
4
14
19.30
22.3
HM77 - 18004LF
29.1
2.70
6.90
4
40.5
75.80
85
HM77 - 19004LF
645
0.74
36.5
4
1134
1040
1250
HM77 - 30004LF
33
3.0
9.50
4
48
48.5
59
HM77 - 20005LF
1.75
10.9
1.83
5
2.80
5.68
6.90
HM77 - 21005LF
2.50
11.4
2.23
5
4.20
6.19
7.50
HM77 - 22006LF
2.03
13
3.30
6
2.70
5.60
6.80
HM77 - 23006LF
3.50
12.4
3.13
6
6.50
7.54
8.7
HM77 - 24006LF
4.70
10.4
3.58
6
8.40
8.30
10.0
HM77 - 25006LF
9.30
7.20
4.92
6
16
20.05
23.0
HM77 - 26006LF
16.1
5.10
6.27
6
25.9
30.3
32
HM77 - 27006LF
50
2.60
10.5
6
72.9
115
130
HM77 - 28006LF
1070
0.710
54.4
6
1950
1480
1700
HM77 - 29006LF
68
3.00
9.50
6
122
85
102
HM77 - 31007ALF
2.5
11.4
2.23
7
4.20
5.20
6.20
HM77 - 32007ALF
1.68
13.9
1.83
7
2.80
3.60
4.0
HM77 - 33010ALF
5.2
15.4
5.21
10
10.5
6.20
7.40
HM77 - 34010ALF
77
2.7
52.8(4)
10
84.6
90
110
HM77 - 35010ALF
38
3.0
29.7(4)
10
49
50
70
HM77 - 36010ALF
114
2.22
62.7(4)
10
121
100
120
HM77 - 37010ALF
191
1.50
72.6 (5)
10
275
250
290
HM77 - 38010ALF
115
1.81
75.9(5)
10
159
190
220
HM77 - 39010ALF
38
3.00
42.9(5)
10
52
80
100
Notes:
(1) Inductance values are rated at -40°C to +130°C operating temperature range with rated DC current flowing and
the operating ETop across the inductor.
(2) ETop is rated at 500 kHz except where designated otherwise.
(3) The control values of inductance are measured at the operating flux density equal or less than 10 gauss and without DC current.
(4) ETop is rated at 250 kHz.
(5) ETop is rated at 150 kHz.
Specifications
Operating Values
Control Values (3)
Part
L DC
I DC
ETop
Case
L w/o DC
DC
DC
Number
µH (1)
Amps
V-µS (2)
Size
L o
Resistance
Resistance
µH ± 20%
m, Nom.
mMax.
• Operating Temperature Range
-40°C to +130°C
• Ambient Temperature, Maximum
80°C
• Insulation System
Class B, 130°C
• Temperature Rise, Maximum
50°C

Electrical / Environmental
Low Profile Surface Mount Inductors
RoHS
Compliant


Similar Part No. - HM7711007LTTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM77-10001 ETC-HM77-10001 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77-10001LF BITECH-HM77-10001LF Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77-10001LF TTELEC-HM77-10001LF Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
More results

Similar Description - HM7711007LTTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
   Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM65 ETC2-HM65 Datasheet
342Kb / 2P
   High Current Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com