Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS00-05138 Datasheet(PDF) 2 Page - Bi technologies

Part # HS00-05138
Description  Gigabit Ethernet Networking Products
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS00-05138 Datasheet(HTML) 2 Page - Bi technologies

  HS00-05138 Datasheet HTML 1Page - Bi technologies HS00-05138 Datasheet HTML 2Page - Bi technologies HS00-05138 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
123

Power over Ethernet
(Voice over IP) Networking Products
Specifications
Ports
Configuration3
Turns Ratio4
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2 Application Supported
Tx
Rx
Tx
Rx
Style
Pitch Length Width Height (Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS00-05061TR or HS00-05061LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-04055LF or HS00-04055LFTR (for Tape & Reel)
(3) IC to Cable side: C is Common Mode Choke, S is Shunt Inductor and T is Transformer
(4) Turns Ratio is IC to Cable side
HS00-04062
LF
10/100
1
T,C
T,C
1CT:1CT
1CT:1CT
16-pin SMT 50 mil 12.70 9.65
5.98 1500
HS00-05061
LF
10/100
1
C,T
C,T
1CT:1CT
1CT:1CT
16-pin SMT 50 mil 12.70 9.35
6.22 1500
HS00-05138
LF
10/100
2
T,C,S
C,T
1CT:1CT
1CT:1CT
24-pin SMT 39 mil 13.77 18.80 5.72 1500
HS00-05166
LF
10/100
2
T,C,S
T,C,S 1CT:1CT
1CT:1CT
24-pin SMT 39 mil 13.77 18.80 5.72 1500
HS00-05176
LF
10/100
2
C,T
C,T
1CT:1CT
1CT:1CT
24-pin SMT 39 mil 13.77 18.80 5.72 1500
HS00-04055
LF
10/100
2
T,C,S
T,C,S 1CT:1CT
1CT:1CT
24-pin SMT 40 mil 13.90 19.05 6.35 1500
HS00-05062
LF
10/100
2
T,C
T,C
1CT:1CT
1CT:1CT
24-pin SMT 40 mil 13.76 15.24 6.22 1500
HS00-06026
LF
10/100
2
T,C,S
T
1CT:1CT
1CT:1CT
24-pin SMT 40 mil 13.76 15.24 6.22 1500
HT00-03078
LF
10/100
2
T,C
T,C
1CT:1CT
1CT:1CT
24-pin SMT 40 mil 13.76 15.24 5.85 1500
HS00-04056
LF
10/100
4
T,C,S
C,T
1CT:1CT
1CT:1CT
48-pin SMT 40 mil 27.81 15.30 7.60 1500
HS00-05013
LF
10/100
4
T,C
T,C
1CT:1CT
1CT:1CT
48-pin SMT 40 mil 27.81 15.30 7.60 1500
Electrical / Environmental
• IEEE 802.3af compliant performance
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• 350mA current capability
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C
RoHS
Compliant
for
‘LF’ Models


Similar Part No. - HS00-05138

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS00-05108 ETC1-HS00-05108 Datasheet
147Kb / 2P
   e10/100Base Networking Products
logo
Bi technologies
HS00-05156 BITECH-HS00-05156 Datasheet
329Kb / 1P
   10Base Networking Products
More results

Similar Description - HS00-05138

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HS92 BITECH-HS92 Datasheet
329Kb / 1P
   10Base Networking Products
logo
Allied Components Inter...
ARLP11-4100 ALLIED-ARLP11-4100 Datasheet
1Mb / 2P
   10/100/1000 Gigabit for Ethernet and Networking Applications
logo
List of Unclassifed Man...
HS91 ETC1-HS91 Datasheet
147Kb / 2P
   e10/100Base Networking Products
logo
Allied Components Inter...
ARLP11-4178 ALLIED-ARLP11-4178 Datasheet
2Mb / 2P
   10/100/1000 Gigabit for Ethernet and other Networking Applications
logo
NXP Semiconductors
S32G3 NXP-S32G3 Datasheet
1Mb / 131P
   FlexRay networking with high data rate Ethernet networking
Rev. 2 - 02/2023
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com