Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF37F Datasheet(PDF) 3 Page - Hongfa Technology

Part No. HF37F
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF37F Datasheet(HTML) 3 Page - Hongfa Technology

  HF37F Datasheet HTML 1Page - Hongfa Technology HF37F Datasheet HTML 2Page - Hongfa Technology HF37F Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
8
87
97
87
:7
9<7XDF T`ndnodq` Nj\_
Gdn^g\dh`m
Vc` nk`^dad^\odji dn ajm m`a`m`i^` jigt5 U`` oj ,V`mhdijgjbt \i_ Jpd_`gdi`n, ajm hjm` diajmh\odji5 Uk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`5
Y` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji5 Vcpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji5 La oc`m` dn \it lp`mt3 kg`\n` ^jio\^o Kjiba\ ajm oc` o`^cid^\g n`mqd^`5 Kjr`q`m3 do dn oc` pn`myn
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt5
v Zd\h`i Kjiba\ Hg`^omj\^jpnod^ Fj53 No_5 Dgg mdbcon ja Kjiba\ \m` m`n`mq`_5
989
/4-;-/=1;5<=5/ />;?1<
8
87
877
8777
:7
87
87
<7
857
759
957
Fjio\^o ^pmm`io :7D
877
ODZLOWO UYLVFKLPJ RQYHT
HPGWTDPFH FWTXH
FQLN VHORHTDVWTH TLUH
Fjio\^o Xjgo\b` 0X1
Fjio\^o Fpmm`io 0D1
Fjdg Rjr`m 0Y1
94x;5<
0Vjk qd`r1
T`h\mfA 81 Li ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji U8hh3 ojg`m\i^` ncjpg_ ]` w759hhB jpogdi` _dh`indji W8hh
\i_ U<hh3 ojg`m\i^` ncjpg_ ]` w75:hhB jpogdi` _dh`indji W<hh3 ojg`m\i^` ncjpg_ ]` w75;hh5
91 Vc` ojg`m\i^` rdocjpo di_d^\odib ajm RFE g\tjpo dn \gr\tn w758hh5
8LPFO,
81 Fpmq`A8KV otk` 0jm 8K otk`1
91 V`no ^ji_dodjinA \o >7
jF3 8n ji @n jaa5
Ojpiodib cjg`n
Ydmdib Gd\bm\h
9>=6581 05718<598<| @5;583 05-3;-7 -80 :/ .9-;0 6-B9>=
WidoA hh


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
JQX-105F-4_04MINIATURE HIGH POWER RELAY 1 2 3 List of Unclassifed Manufacturers
HF10FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF10FHMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF13FMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FFMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
HF14FWMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology
DSP1-DC3VMINIATURE POWER RELAY IN DS RELAY SERIES 1 2 3 4 5 Nais(Matsushita Electric Works)
HF25FSUBMINIATURE HIGH POWER RELAY 1 2 3 4 Hongfa Technology
HF26FSUBMINIATURE HIGH POWER RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn